Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA30H4452M-01 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # RA30H4452M-01
Description  440-520MHz 30W 12.5V MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H4452M-01 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  RA30H4452M-01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H4452M-01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H4452M-01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H4452M-01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H4452M-01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H4452M-01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H4452M-01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H4452M-01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA30H4452M-01 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MITSUBISHI RF POWER MODULE
RA30H4452M
RA30H4452M
MITSUBISHI ELECTRIC
2 Dec 2002
8/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Output Power Control:
Depending on linearity following 2 methods are recommended to control the output power:
a) Non-linear FM modulation:
By Gate voltage VGG.
When the Gate voltage is close to zero, the RF input signal is attenuated up to 60dB and only a small leakage
current is flowing from the battery into the Drain.
Around VGG=3.5V the output power and Drain current increases strongly.
Around VGG=4V, latest at VGG=5V, the nominal output power becomes available.
b) Linear AM modulation:
By RF input power Pin.
The Gate voltage is used to set the Drain quiescent current for the required linearity.
Oscillation:
To test RF characteristic this module is put on a fixture with 2 bias decoupling capacitors each on Gate and Drain, a
4.700pF chip capacitor, located close to the module, and a 22µF (or more) electrolytic capacitor.
When an amplifier circuit around this module shows oscillation following may be checked:
a) Do the bias decoupling capacitors have a low inductance pass to the case of the module ?
b) Is the load impedance ZL=50
Ω ?
c) Is the source impedance ZG=50
Ω ?
Frequent on/off switching:
In Base Stations frequent on/off switching can result in reduced or no output power, when the resin that coats the
transistor chips gets thermally expanded by the on/off switching. The bond wires in the resin will break after long time
thermally induced mechanical stress.
Quality:
MITSUBISHI ELECTRIC cannot take any liability for failures resulting from Base Station operation time or operating
conditions exceeding those in Mobile Radios.
The technology of this module is the result of more than 20 years experience, field proven in several 10 million
Mobile Radios. Today most returned modules show failures as ESD, substrate crack, transistor burn-out, etc which
are caused by handling or operating conditions. Few degradation failures can be found.
Keep
safety
first
in
your
circuit
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more
reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead
to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit
designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of
non-flammable material or (iii) prevention against any malfunction or mishap.


Similar Part No. - RA30H4452M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H4452M-101 MITSUBISHI-RA30H4452M-101 Datasheet
157Kb / 7P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M-101 MITSUBISHI-RA30H4452M-101 Datasheet
72Kb / 8P
   440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M-101 MITSUBISHI-RA30H4452M-101 Datasheet
185Kb / 8P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M-101 MITSUBISHI-RA30H4452M-101 Datasheet
185Kb / 8P
   Broadband Frequency Range
More results

Similar Description - RA30H4452M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H4452M MITSUBISHI-RA30H4452M_10 Datasheet
72Kb / 8P
   440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M_06 Datasheet
157Kb / 7P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M_11 Datasheet
185Kb / 8P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M Datasheet
64Kb / 9P
   440-520MHz 13W 12.5V MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M Datasheet
95Kb / 9P
   440-520MHz 45W 12.5V MOBILE RADIO
RA07H4452M MITSUBISHI-RA07H4452M Datasheet
71Kb / 9P
   440-520MHz 7W 12.5V PORTABLE/ MOBILE RADIO
M68762H MITSUBISHI-M68762H Datasheet
38Kb / 3P
   440-490MHz, 12.5V, 30W, FM MOBILE RADIO
RA30H4552M1 MITSUBISHI-RA30H4552M1_10 Datasheet
193Kb / 10P
   450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_10 Datasheet
101Kb / 9P
   440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1_11 Datasheet
243Kb / 9P
   440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com