Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY27410FLTXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY27410FLTXI
Description  RMS phase jitter: 1-ps max at 12-kHz to 20-MHz offset
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27410FLTXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY27410FLTXI Datasheet HTML 4Page - Cypress Semiconductor CY27410FLTXI Datasheet HTML 5Page - Cypress Semiconductor CY27410FLTXI Datasheet HTML 6Page - Cypress Semiconductor CY27410FLTXI Datasheet HTML 7Page - Cypress Semiconductor CY27410FLTXI Datasheet HTML 8Page - Cypress Semiconductor CY27410FLTXI Datasheet HTML 9Page - Cypress Semiconductor CY27410FLTXI Datasheet HTML 10Page - Cypress Semiconductor CY27410FLTXI Datasheet HTML 11Page - Cypress Semiconductor CY27410FLTXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Document Number: 001-89074 Rev. *K
Page 8 of 29
CY27410
Crystal Oscillator
The CY27410 supports various low-cost crystals as a reference
oscillator at IN1 (XIN/XOUT) to generate multiple frequencies in
a single chip. The CY27410 supports a crystal with a nominal
load capacitance specification from 8 pF to 12 pF. As shown in
Figure 2 on page 3, the CY27410 integrates all the components,
such as a feedback resistor and tuning capacitor, to oscillate the
clock with a particular crystal for the following specifications.
To enable proper operation, the crystal specification is divided
into three ranges:
Low range (FNOM) = 8 to 12 MHz
Midrange = 12 to 20 MHz
High range = 20 to 48 MHz
The corresponding crystal parameters are listed in Table 2.
Serial Programming Interface Protocol
The CY27410 uses the SDAT and SCLK pins for a 2-wire serial
interface that operates up to 400 Kb/s in Read and Write modes.
It complies with the I2C bus standard. The basic Write protocol is:
Start Bit; 7-bit Device Address; R/W Bit; Slave Clock
Acknowledge (ACK); 8-bit Memory Address (MA); ACK; 8-bit
Data; ACK; 8-bit Data in MA+1 if desired; ACK; 8-bit Data in
MA+2; ACK; and more until STOP Bit.
The basic serial format is shown in Figure 19.
Figure 19. Data Transfer Sequence on the Serial Bus
A valid write operation must have a full 8-bit register address
after the device address word from the master, which is followed
by an acknowledge bit from the slave (SDAT = 0/LOW). The next
eight bits must contain the data word intended for storage. After
the data word is received, the slave responds with another
acknowledge bit (SDAT = 0/LOW), and the master must end the
write sequence with a STOP condition (see Figure 20).
Figure 20. Data Frame Architecture (Write)
Table 2. Crystal Specifications
Range
Min
Frequency
(MHz)
Max
Frequency
(MHz)
Max R1
(ohms)
Max DL
(uW)
Low
8
12
150
100
Mid
12
20
70
100
High
20
48
50
100
CL (pF) for all Ranges
Associated Max C0
(pF)
8
2
9
2
10
2
12
3
SCLK
SDAT
START
Condition
Address or
Acknowledge
Valid
Data may
be changed
STOP
Condition
Device Address
Memory Address
Memory Data
Memory Data
Device Address
Memory Address
Memory Data
Random Write
Sequential Write


Similar Part No. - CY27410FLTXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27020 CYPRESS-CY27020 Datasheet
785Kb / 9P
   Supports clock requirements for printers
CY27020SXC CYPRESS-CY27020SXC Datasheet
785Kb / 9P
   Supports clock requirements for printers
CY27020SXCT CYPRESS-CY27020SXCT Datasheet
785Kb / 9P
   Supports clock requirements for printers
logo
Crystek Corporation
CY27A CRYSTEKCRYSTAL-CY27A Datasheet
116Kb / 1P
   Quartz Crystal Leaded HC49 Crystal
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
More results

Similar Description - CY27410FLTXI

ManufacturerPart #DatasheetDescription
logo
TEMEX
RVX7050M TEMEX-RVX7050M Datasheet
883Kb / 9P
   Ultra Low Jitter 0.05 to 0.3 ps integrated 12 kHz to 20 MHz
logo
IQD Frequency Products ...
IQXO-88 IQD-IQXO-88 Datasheet
193Kb / 3P
   0.5 ps integrated RMS phase jitter (12kHz to 20MHz)
logo
Skyworks Solutions Inc.
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Silicon Laboratories
SI590 SILABS-SI590 Datasheet
101Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR
logo
Mercury United Electron...
HDK14 MERCURY-HDK14 Datasheet
108Kb / 1P
   HDK femto second integrated phase jitter ( 200 fs typical , 12 KHz to 20 MHz ) .
HDK8 MERCURY-HDK8 Datasheet
105Kb / 1P
   HDK femto second integrated phase jitter ( 200 fs typical , 12 KHz to 20 MHz ) .
logo
TEMEX
RPT7050A TEMEX-RPT7050A Datasheet
468Kb / 2P
   RMS phase jitter down to 0.13ps
logo
Mercury United Electron...
HPQF5361 MERCURY-HPQF5361 Datasheet
140Kb / 1P
   1.0 pS phase jitter
logo
Integrated Device Techn...
524S IDT-524S Datasheet
180Kb / 12P
   Low additive phase jitter RMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com