Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1069GN30-10ZSXIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1069GN30-10ZSXIT
Description  16-Mbit (2M 횞 8) Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069GN30-10ZSXIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1069GN30-10ZSXIT Datasheet HTML 1Page - Cypress Semiconductor CY7C1069GN30-10ZSXIT Datasheet HTML 2Page - Cypress Semiconductor CY7C1069GN30-10ZSXIT Datasheet HTML 3Page - Cypress Semiconductor CY7C1069GN30-10ZSXIT Datasheet HTML 4Page - Cypress Semiconductor CY7C1069GN30-10ZSXIT Datasheet HTML 5Page - Cypress Semiconductor CY7C1069GN30-10ZSXIT Datasheet HTML 6Page - Cypress Semiconductor CY7C1069GN30-10ZSXIT Datasheet HTML 7Page - Cypress Semiconductor CY7C1069GN30-10ZSXIT Datasheet HTML 8Page - Cypress Semiconductor CY7C1069GN30-10ZSXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY7C1069GN
Document Number: 002-00046 Rev. *A
Page 5 of 15
Capacitance
Parameter [4]
Description
Test Conditions
TSOP II
VFBGA
Unit
CIN
Input capacitance
TA = 25 °C, f = 1 MHz, VCC = 3.3 V
10
10
pF
COUT
IO capacitance
10
10
pF
Thermal Resistance
Parameter [4]
Description
Test Conditions
TSOP II
VFBGA
Unit
ΘJA
Thermal resistance
(junction to ambient)
Still air, soldered on a 3 × 4.5 inch, four
layer printed circuit board
93.63
31.50
°C/W
ΘJC
Thermal resistance
(junction to case)
21.58
15.75
°C/W
AC Test Loads and Waveforms
Figure 3. AC Test Loads and Waveforms [5]
90%
10%
3.0 V
GND
90%
10%
ALL INPUT PULSES
3.3 V
OUTPUT
5 pF*
INCLUDING
JIG AND
SCOPE
(b)
R1 317
Ω
R2
351
Ω
Rise Time > 1 V/ns
Fall Time:
> 1 V/ns
(c)
OUTPUT
50
Ω
Z0 = 50 Ω
VTH = 1.5 V
30 pF*
*
Capacitive load consists
of all components of the
test environment
High Z characteristics
(a)
Notes
4. Tested initially and after any design or process changes that may affect these parameters.
5. Full device AC operation assumes a 100-μs ramp time from 0 to VCC(min) and 100-μs wait time after VCC stabilization.


Similar Part No. - CY7C1069GN30-10ZSXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1069G CYPRESS-CY7C1069G Datasheet
614Kb / 20P
   16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1069G-10BVXI CYPRESS-CY7C1069G-10BVXI Datasheet
614Kb / 20P
   16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1069G-10BVXIT CYPRESS-CY7C1069G-10BVXIT Datasheet
614Kb / 20P
   16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1069G-10ZSXI CYPRESS-CY7C1069G-10ZSXI Datasheet
614Kb / 20P
   16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1069G-10ZSXIT CYPRESS-CY7C1069G-10ZSXIT Datasheet
614Kb / 20P
   16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
More results

Similar Description - CY7C1069GN30-10ZSXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167GN CYPRESS-CY62167GN Datasheet
532Kb / 19P
   16-Mbit (1M 횞 16/2M 횞 8) Static RAM
CY7C1051H CYPRESS-CY7C1051H Datasheet
436Kb / 16P
   8-Mbit (512K 횞 16) Static RAM
CY7C1069DV33 CYPRESS-CY7C1069DV33_07 Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1069BV33 CYPRESS-CY7C1069BV33 Datasheet
302Kb / 7P
   16-Mbit (2M x 8) Static RAM
CY7C1069DV33 CYPRESS-CY7C1069DV33 Datasheet
387Kb / 9P
   16-Mbit (2M x 8) Static RAM
CY62168EV30 CYPRESS-CY62168EV30 Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
CY62168DV30 CYPRESS-CY62168DV30_10 Datasheet
492Kb / 13P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62168DV3 CYPRESS-CY62168DV3_06 Datasheet
310Kb / 9P
   16-Mbit (2M x 8) MoBL짰 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com