Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7802-1A Datasheet(PDF) 3 Page - NEC

Part # PS7802-1A
Description  NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7802-1A Datasheet(HTML) 3 Page - NEC

  PS7802-1A Datasheet HTML 1Page - NEC PS7802-1A Datasheet HTML 2Page - NEC PS7802-1A Datasheet HTML 3Page - NEC PS7802-1A Datasheet HTML 4Page - NEC PS7802-1A Datasheet HTML 5Page - NEC PS7802-1A Datasheet HTML 6Page - NEC PS7802-1A Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2-92
PS7802-1A
TYPICAL CHARACTERISTICS (TA = 25ºC)
MAXIMUM FORWARD CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (ºC)
MAXIMUM LOAD CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (ºC)
FORWARD VOLTAGE vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (ºC)
OUTPUT CAPACITANCE vs.
APPLIED VOLTAGE
Applied Voltage, VD (V)
OFF-STATE LEAKAGE CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (ºC)
LOAD CURRENT vs.
LOAD VOLTAGE
Load Voltage, VL (V)
0
-25
0
25
50
75
100
85
20
40
60
80
100
0
-25
0
25
50
75
100
85
100
50
200
150
250
300
1.6
1.4
1.2
1.0
0.8
-25
0
25
50
75
100
IF = 50 mA
30 mA
20 mA
10 mA
5 mA
1 mA
5
0
10
20
30
40
50
60
10
15
20
25
f = 1 MHz
10
-7
VD = 40 V
020
40
6080
100
10
-8
10
-9
10
-10
10
-11
10
-12
10
-13
-1.0
-0.5
0.5
-200
-100
100
200
IF = 5 mA
1.0
0


Similar Part No. - PS7802-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7802-1A NEC-PS7802-1A Datasheet
101Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7802-1A CEL-PS7802-1A Datasheet
342Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7802-1A RENESAS-PS7802-1A Datasheet
255Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7802-1A-A NEC-PS7802-1A-A Datasheet
101Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7802-1A-A CEL-PS7802-1A-A Datasheet
342Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7802-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801 NEC-PS7801 Datasheet
157Kb / 7P
   NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7801C-1A CEL-PS7801C-1A Datasheet
337Kb / 5P
   NECs 4-PIN ULTRA SMALL FLAT-LEAD SUPER LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOS FET
logo
NEC
PS7802-1A NEC-PS7802-1A Datasheet
101Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801-1A RENESAS-PS7801-1A_15 Datasheet
226Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801-1A CEL-PS7801-1A Datasheet
202Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7801-1A NEC-PS7801-1A Datasheet
102Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7802-1A RENESAS-PS7802-1A Datasheet
255Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7801C-1A NEC-PS7801C-1A Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, SUPER LOW OUTPUT CAPACITANCE, 1-ch Optical Coupled MOS FET
PS7801D-1A NEC-PS7801D-1A_1 Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7801F-1A NEC-PS7801F-1A Datasheet
94Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com