Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C102MDRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805C102MDRACTU
Description  Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1000 pF, /-20% Tol, 1000 V, X7R, 0805 (2012 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C102MDRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805C102MDRACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/22/2016 - 84d13342-ff39-462b-93c8-e7f96dda22a9
KEMET Part Number: C0805C102MDRACTU
(C0805C102MDRAC7800)
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1000 pF, +/-20% Tol, 1000 V, X7R, 0805 (2012 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
2
+/-0.2
W
1.25
+/-0.2
T
1.25
+/-0.15
B
0.5
+/-0.25
S
0.75
MIN
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 2500
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 0805 (2012 metric)
Temperature Coefficient: X7R
Part Type Description: SMD, MLCC, High Voltage,
Temperature Stable
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 1000 pF
Voltage: 1000 V
Tolerance: +/-20%
Temperature Range: -55/+125C
Dissipation Factor: 2.5%
Failure Rate: N/A
Aging Rate: 3% loss/decade hour
Insulation Resistance: 100 GOhm
Dielectric Strength: 1200 V
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805C102MDRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102MDRAC KEMET-C0805C102MDRAC Datasheet
489Kb / 4P
   CERAMIC CHIP / HIGH VOLTAGE
More results

Similar Description - C0805C102MDRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102KDRACTU KEMET-C0805C102KDRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1000 pF, /-10% Tol, 1000 V, X7R, 0805 (2012 metric)
C0805C221KDRACTU KEMET-C0805C221KDRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 220 pF, /-10% Tol, 1000 V, X7R, 0805 (2012 metric)
C0805C101KDRACTU KEMET-C0805C101KDRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 100 pF, /-10% Tol, 1000 V, X7R, 0805 (2012 metric)
C0805C222KDRACTU KEMET-C0805C222KDRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 2200 pF, /-10% Tol, 1000 V, X7R, 0805 (2012 metric)
C0805C472KDRACTU KEMET-C0805C472KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 4700 pF, /-10% Tol, 1000 V, X7R, 0805 (2012 metric)
C0805C331KDRACTU KEMET-C0805C331KDRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 330 pF, /-10% Tol, 1000 V, X7R, 0805 (2012 metric)
C0805C471JDRACTU KEMET-C0805C471JDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 470 pF, /-5% Tol, 1000 V, X7R, 0805 (2012 metric)
C0805C102KCRACTU KEMET-C0805C102KCRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1000 pF, /-10% Tol, 500 V, X7R, 0805 (2012 metric)
C0805C102K4RACTU KEMET-C0805C102K4RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 1000 pF, /-10% Tol, 16 V, X7R, 0805 (2012 metric)
C0805C102J1RACTU KEMET-C0805C102J1RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 1000 pF, /-5% Tol, 100 V, X7R, 0805 (2012 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com