Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI5A4626 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part No. PI5A4626
Description  SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4626 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5A4626 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PS8641A
06/27/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A4626/4629
SOTINY Low-Voltage, Single-Supply,
1-Ohm SPST CMOS Analog Switches
Caution: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
only rating and operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied.
Absolute Maximum Ratings
Voltages Referenced to GND
V+ ..................................................................... –0.5V to +5.5V
VIN, VCOM, VNC, VNO (Note 1) ................ –0.5V to V+ +0.3V
or 30mA, whichever occurs first
Current (any terminal) ..................................................±200mA
Peak Current, COM, NO, NC
(Pulsed at 1ms, 10% duty cycle) .................................. ±400mA
Note:
1. Signals on NC, NO, COM, or IN exceeding V+ or GND are clamped by
internal diodes. Limit forward diode current to 30mA.
Thermal Information
Continuous Power Dissipation
SOT-23 (derate 7.1mW/ºC above +70ºC) ............................ 0.5W
Storage Temperature ....................................... –65ºC to +150ºC
Lead Temperature (soldering, 10s) ............................... +300ºC
Electrical Specifications - Single +5V Supply
(V+ = +5V ± 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
r
e
t
n
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T)
C
°
(
.
p
m
e
T.
n
i
M
)
1
(
.
p
y
T
)
2
(
.
x
a
M
)
1
(
s
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
ll
u
F0
+
V
V
e
c
n
a
t
s
i
s
e
R
n
OR N
O
I
,
V
5
.
4
+
V
M
O
C
,
A
m
0
3
=
V O
N
V
r
o
C
N
V
5
.
2
=
5
25
.
09
.
0
m
h
O
ll
u
F1
.
1
h
c
t
a
M
e
c
n
a
t
s
i
s
e
R
-
n
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
R N
O
5
23
0
.
05
0
.
0
ll
u
F0
1
.
0
e
c
n
a
t
s
i
s
e
R
-
n
O
s
s
e
n
t
a
l
F
)
5
(
R
)
N
O
(
T
A
L
F
,
V
5
=
+
V
I
M
O
C
,
A
m
0
3
=
V O
N
V
r
o
C
N
V
4
,
V
5
.
2
,
V
1
=
5
28
0
.
02
1
.
0
ll
u
F5
1
.
0
f
f
O
C
N
r
o
O
N
t
n
e
r
r
u
C
e
g
a
k
a
e
L
)
6
(
I
)
F
F
O
(
M
O
C
r
o I
)
F
F
O
(
C
N
,
V
5
.
5
=
+
V
V
M
O
C
,
V
0
=
V O
N
V
r
o
C
N
V
5
.
4
=
5
22
1
0
.
02
A
n
ll
u
F0
2
–0
2
e
g
a
k
a
e
L
n
O
M
O
C
t
n
e
r
r
u
C
)
6
(
I
)
N
O
(
M
O
C
,
V
5
.
5
=
+
V
V
M
O
C
5
.
4
+
=
V O
N
V
r
o
C
N
V
5
.
4
+
=
5
24
–4
ll
u
F0
4
–3
.
00
4


Similar Part No. - PI5A4626

ManufacturerPart No.DatasheetDescription
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5A4624 PERICOM-PI5A4624 Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
PI5A4624TEX PERICOM-PI5A4624TEX Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
PI5A4624TX PERICOM-PI5A4624TX Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
PI5A4625 PERICOM-PI5A4625 Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
PI5A4625TEX PERICOM-PI5A4625TEX Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
More results

Similar Description - PI5A4626

ManufacturerPart No.DatasheetDescription
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5A4594A PERICOM-PI5A4594A Datasheet
128Kb / 6P
   SOTINY Low-Voltage, Single-Supply, 8-Ohm SPST CMOS Analog Switches
Maxim Integrated Products
Maxim Integrated Produc...
MAX4594 MAXIM-MAX4594 Datasheet
169Kb / 8P
   Low-Voltage, Single-Supply, 10??SPST CMOS Analog Switches
Rev 1; 7/00
MAX4594 MAXIM-MAX4594_V01 Datasheet
589Kb / 10P
   Low-Voltage, Single-Supply, 10廓 SPST CMOS Analog Switches
2004
Renesas Technology Corp
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
Intersil Corporation
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
Maxim Integrated Products
Maxim Integrated Produc...
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
   Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4626 MAXIM-MAX4626 Datasheet
142Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
Intersil Corporation
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
Renesas Technology Corp
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz