Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI5A4626 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part No. PI5A4626
Description  SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4626 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5A4626 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A4626 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PS8641A
06/27/04
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
PI5A4626/4629
SOTINY Low-Voltage, Single-Supply,
1-Ohm SPST CMOS Analog Switches
Electrical Specifications - Single +2.5V Supply
(V+ = +2.5V ± 10%, GND = 0V, VINH = 1.8V, VINL = 0.6V)
Notes:
1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design.
4.
∆RON = RON max. - RON min.
5. Flatness is defined as the difference between the maximum and minimum value of On-resistance measured.
r
e
t
n
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T)
C
°
(
.
p
m
e
T.
n
i
M
)
1
(
.
p
y
T
)
2
(
.
x
a
M
)
1
(
s
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
0+
VV
e
c
n
a
t
s
i
s
e
R
n
OR N
O
I
,
V
5
.
2
=
+
V
M
O
C
,
A
m
8
=
V O
N
V
r
o
C
N
V
8
.
1
=
5
25
.
12
m
h
O
ll
u
F7
.
2
h
c
t
a
M
e
c
n
a
t
s
i
s
e
R
-
n
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
R N
O
I
,
V
5
.
2
=
+
V
M
O
C
,
A
m
8
=
V O
N
V
r
o
C
N
V
8
.
1
,
V
8
.
0
=
5
23
1
.
06
1
.
0
ll
u
F2
.
0
s
s
e
n
t
a
l
F
e
c
n
a
t
s
i
s
e
R
-
n
O
)
5
,
3
(
R
)
N
O
(
T
A
L
F
5
25
2
.
03
.
0
ll
u
F5
4
.
0
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
Tt N
O
V
,
V
5
.
2
=
+
V
O
N
V
r
o
C
N
1
e
r
u
g
i
F
,
V
8
.
1
=
5
20
45
5
s
n
ll
u
F0
7
e
m
i
T
f
f
O
-
n
r
u
Tt
F
F
O
5
20
30
4
ll
u
F5
5
n
o
i
t
c
e
j
n
I
e
g
r
a
h
C
)
3
(
QCL
V
,
F
n
1
=
N
E
G
R
,
V
0
=
N
E
G
2
e
r
u
g
i
F
,
V
0
=5
20
2C
p
y
l
p
p
u
S
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
i
ti
s
o
P+
I
V
,
V
5
7
.
2
=
+
V
N
I
+
V
r
o
V
0
=
f
f
o
r
o
n
o
s
l
e
n
n
a
h
c
ll
A
ll
u
F5
.
01
A
µ
t
u
p
n
I
c
i
g
o
L
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
IV H
I
l
e
v
e
l
h
g
i
h
c
i
g
o
l
d
e
e
t
n
a
r
a
u
Gll
u
F8
.
1
V
e
g
a
tl
o
V
W
O
L
t
u
p
n
IV L
I
l
e
v
e
l
w
o
L
c
i
g
o
l
d
e
e
t
n
a
r
a
u
Gll
u
F6
.
0
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
II H
N
I
V N
I
V
8
.
0
=
s
r
e
h
t
o
ll
a
,
V
0
.
2
=ll
u
F1
–1
A
µ
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
II L
N
I
V N
I
V
0
.
2
=
s
r
e
h
t
o
ll
a
,
V
8
.
0
=ll
u
F1
–1


Similar Part No. - PI5A4626

ManufacturerPart No.DatasheetDescription
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5A4624 PERICOM-PI5A4624 Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
PI5A4624TEX PERICOM-PI5A4624TEX Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
PI5A4624TX PERICOM-PI5A4624TX Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
PI5A4625 PERICOM-PI5A4625 Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
PI5A4625TEX PERICOM-PI5A4625TEX Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
More results

Similar Description - PI5A4626

ManufacturerPart No.DatasheetDescription
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5A4594A PERICOM-PI5A4594A Datasheet
128Kb / 6P
   SOTINY Low-Voltage, Single-Supply, 8-Ohm SPST CMOS Analog Switches
Maxim Integrated Products
Maxim Integrated Produc...
MAX4594 MAXIM-MAX4594 Datasheet
169Kb / 8P
   Low-Voltage, Single-Supply, 10??SPST CMOS Analog Switches
Rev 1; 7/00
MAX4594 MAXIM-MAX4594_V01 Datasheet
589Kb / 10P
   Low-Voltage, Single-Supply, 10廓 SPST CMOS Analog Switches
2004
Renesas Technology Corp
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
Intersil Corporation
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
Maxim Integrated Products
Maxim Integrated Produc...
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
   Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4626 MAXIM-MAX4626 Datasheet
142Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
Intersil Corporation
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
Renesas Technology Corp
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz