Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2904DBR Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM2904DBR
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM2904DBR Datasheet(HTML) 1 Page - Burr-Brown (TI)

  PCM2904DBR Datasheet HTML 1Page - Burr-Brown (TI) PCM2904DBR Datasheet HTML 2Page - Burr-Brown (TI) PCM2904DBR Datasheet HTML 3Page - Burr-Brown (TI) PCM2904DBR Datasheet HTML 4Page - Burr-Brown (TI) PCM2904DBR Datasheet HTML 5Page - Burr-Brown (TI) PCM2904DBR Datasheet HTML 6Page - Burr-Brown (TI) PCM2904DBR Datasheet HTML 7Page - Burr-Brown (TI) PCM2904DBR Datasheet HTML 8Page - Burr-Brown (TI) PCM2904DBR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
PCM2904
PCM2906
SLES042A − JUNE 2002 − REVISED JUNE 2004
STEREO AUDIO CODEC WITH USB INTERFACE,
SINGLEENDED ANALOG INPUT/OUTPUT AND S/PDIF
FEATURES
D PCM2904: Without S/PDIF
D PCM2906: With S/PDIF
D On-Chip USB Interface:
− With Full-Speed Transceivers
− Fully Compliant With USB 1.1
Specification
− Certified by USB-IF
− Partially Programmable Descriptors(1)
− USB Adaptive Mode for Playback
− USB Asynchronous Mode for Record
− Bus Powered
D 16-Bit Delta-Sigma ADC and DAC
D Sampling Rate:
− DAC: 32, 44.1, 48 kHz
− ADC: 8, 11.025, 16, 22.05, 32, 44.1, 48 kHz
D On-Chip Clock Generator With Single 12-MHz
Clock Source
D Single Power Supply: 5 V Typical (VBUS)
D Stereo ADC:
− Analog Performance at VBUS = 5 V
THD+N = 0.01%
SNR = 89 dB
Dynamic Range = 89 dB
− Decimation Digital Filter
Pass-Band Ripple =
±0.05 dB
Stop-Band Attenuation = –65 dB
− Single-Ended Voltage Input
− Antialiasing Filter Included
− Digital LCF Included
D Stereo DAC:
− Analog Performance at VBUS = 5 V
THD+N = 0.005%
SNR = 96 dB
Dynamic Range = 93 dB
− Oversampling Digital Filter
Pass-Band Ripple =
±0.1 dB
Stop-Band Attenuation = –43 dB
− Single-Ended Voltage Output
− Analog LPF Included
D Multifunctions:
− Human Interface Device (HID) Volume
±
Control and Mute Control
− Suspend Flag
D Package: 28-Pin SSOP, Lead-Free Product
APPLICATIONS
D USB Audio Speaker
D USB Headset
D USB Monitor
D USB Audio Interface Box
DESCRIPTION
The PCM2904/2906 is Texas Instruments single-chip
USB stereo audio codec with USB-compliant full-speed
protocol controller and S/PDIF (PCM2906 only). The
USB protocol controller works with no software code,
but the USB descriptors can be modified in some areas
(for
example,
vendor
ID/product
ID).
The
PCM2904/2906 employs SpAct
 architecture, TI’s
unique system that recovers the audio clock from USB
packet data. On-chip analog PLLs with SpAct enable
playback and record with low clock jitter and with
independent playback and record sampling rates.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
BurrBrown Products
from Texas Instruments
www.ti.com
Copyright
 2004, Texas Instruments Incorporated
(1)The descriptor can be modified by changing a mask.
SpAct is a trademark of Texas Instruments, Incorporated.
Apple. Mac, and Mac OS are trademarks of Apple Computer, Inc.
Intel is a trademark of Intel Corporation.
Microsoft, Windows, Windows Me, and Windows XP are trademarks of Microsoft Corporation.
Other trademarks are the property of their respective owners.


Similar Part No. - PCM2904DBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2904DBR BURR-BROWN-PCM2904DBR Datasheet
315Kb / 31P
   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
More results

Similar Description - PCM2904DBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2904 BURR-BROWN-PCM2904 Datasheet
315Kb / 31P
   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com