Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS60601MZ4 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSS60601MZ4
Description  NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS60601MZ4 Datasheet(HTML) 1 Page - ON Semiconductor

  NSS60601MZ4_13 Datasheet HTML 1Page - ON Semiconductor NSS60601MZ4_13 Datasheet HTML 2Page - ON Semiconductor NSS60601MZ4_13 Datasheet HTML 3Page - ON Semiconductor NSS60601MZ4_13 Datasheet HTML 4Page - ON Semiconductor NSS60601MZ4_13 Datasheet HTML 5Page - ON Semiconductor NSS60601MZ4_13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
August, 2013 − Rev. 5
1
Publication Order Number:
NSS60601MZ4/D
NSS60601MZ4
60 V, 6.0 A, Low VCE(sat)
NPN Transistor
ON Semiconductor’s e2PowerEdge family of low VCE(sat)
transistors are surface mount devices featuring ultra low saturation
voltage (VCE(sat)) and high current gain capability. These are designed
for use in low voltage, high speed switching applications where
affordable efficient energy control is important.
Typical applications are DC−DC converters and power management
in portable and battery powered products such as cellular and cordless
phones, PDAs, computers, printers, digital cameras and MP3 players.
Other applications are low voltage motor controls in mass storage
products such as disc drives and tape drives. In the automotive
industry they can be used in air bag deployment and in the instrument
cluster. The high current gain allows e2PowerEdge devices to be
driven directly from PMU’s control outputs, and the Linear Gain
(Beta) makes them ideal components in analog amplifiers.
Features
NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant*
Complementary to NSS60600MZ4
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector-Emitter Voltage
VCEO
60
Vdc
Collector-Base Voltage
VCBO
100
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Collector Current − Continuous
IC
6.0
A
Collector Current − Peak
ICM
12.0
A
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
60 VOLTS, 6.0 AMPS
2.0 WATTS
NPN LOW VCE(sat) TRANSISTOR
EQUIVALENT RDS(on) 50 mW
SOT−223
CASE 318E
STYLE 1
MARKING DIAGRAM
Schematic
C 2, 4
B 1
E 3
PIN ASSIGNMENT
1
60601G
AYW
A
= Assembly Location
Y
= Year
W
= Work Week
60601 = Specific Device Code
G
= Pb−Free Package
Top View Pinout
C
CE
B
4
12
3
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
2
3
4


Similar Part No. - NSS60601MZ4_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS60601MZ4T1G ONSEMI-NSS60601MZ4T1G Datasheet
111Kb / 5P
   60 V, 6.0 A, Low VCE(sat) NPN Transistor
September, 2007 - Rev. 0
NSS60601MZ4T1G ONSEMI-NSS60601MZ4T1G Datasheet
110Kb / 6P
   60 V, 6.0 A, Low VCE(sat) NPN Transistor
October, 2012 ??Rev. 3
More results

Similar Description - NSS60601MZ4_13

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com