Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVS09-10-C10 Datasheet(PDF) 8 Page - ETAL Group

Part # SVS09-10-C10
Description  integral distribution, protection and signalling functions
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

SVS09-10-C10 Datasheet(HTML) 8 Page - ETAL Group

  SVS09-10-C10 Datasheet HTML 1Page - ETAL Group SVS09-10-C10 Datasheet HTML 2Page - ETAL Group SVS09-10-C10 Datasheet HTML 3Page - ETAL Group SVS09-10-C10 Datasheet HTML 4Page - ETAL Group SVS09-10-C10 Datasheet HTML 5Page - ETAL Group SVS09-10-C10 Datasheet HTML 6Page - ETAL Group SVS09-10-C10 Datasheet HTML 7Page - ETAL Group SVS09-10-C10 Datasheet HTML 8Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.e-t-a.de
Power distribution system SVS09
8
1646
6
LED
plug-in terminal
65.7
RESET momentary switch
direction of actuation
2.58
Option:
pcb encapsulation
(electronics epoxied)
Accessories
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications without
notice is reserved.Product markings may not be exactly as the ordering codes. Errors and
omissions excepted.
Signalisation module SIGMO-09-1xx
Voltage supply
rated voltage: DC 24 V (19...28 V)
residual ripple 5 % max.
supply via SVS09
Current load
normal operation without trip: 0 mA
max. 150 mA with 10-way fault on SVS09 (all relays loaded)
Contacts
min. 10 V / 10 mA
max. 28 V / 200 mA…
Status indication and actuation
LED red:
lighted in the event of group fault
momentary switch red:
for local acknowledgment of group
signalisation
remote acknowledgment:terminal of an external command
(momentary switch, relay, PLC signal)
rupture capacity 28 V / 20 mA
integral free-wheeling diode in SIGMO
module
Reverse polarity protection
Protected against reverse polarity of potentials DC 24 V (+) and
GND (-) on the SVS09. No function if connected reversely
Technical data (Tamb = 25 °C, US = DC 24 V)
Plug-in type signalisation module for the power distribution system
SVS09 for group signalisation and acknowledgment for an isolated
SVS09 application or a cascade. The SIGMO module ensures a group
fault to be indicated after each trip of a circuit breaker on the SVS09.
Fault indication can be – depending on the configuration1) – locally on the
power distribution system (red LED) or locally and externally (remotely),
e. g. by means of an acoustic signal in the control room. Acknowledgment
of the group signal can also be only locally via a momentary switch on the
power distribution system, or locally and remotely, e. g. via a momentary
switch in the control room. Acknowledgment of the group signal re-
activates the group signalisation, so that it is released again and ready
for new error messages. The single signalisation and the tripped circuit
breaker will be manually reset by actuating the push button of the circuit
after remedy of the failure.
Note: Proper function of the signalisation module SIGMO-09-1xx
is ensured only in connection with the power distribution
system SVS09-10-Cxx.
1) see power distribution system SVS09, basic schematic diagram
and configuration instruction
Application
Type No.
SIGMO signalisation module for SVS09 power distribution system
l
plug-in type signalisation module
l
DC 24 V-applications
l
supply via SVS09
Version for power distribution system
09 SVS09-10 for circuit breakers (F1...F10)
Pcb version
100 standard: plug-in type signalisation module for
circuit breaker (F1...F10)
pcb populated, open,
120 option: plug-in type signalisation module for
circuit breaker (F1...F10)
pcb populated, encapsulated
SIGMO -
09 - 100 ordering example
Ordering information
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - SVS09-10-C10

ManufacturerPart #DatasheetDescription
logo
ETAL Group
SVS02 ETAL-SVS02 Datasheet
1Mb / 6P
   Power Distribution System
SVS02-04-P310-L50-S15-E00 ETAL-SVS02-04-P310-L50-S15-E00 Datasheet
1Mb / 6P
   Power Distribution System
SVS02-08-P310-L50-S15-E00 ETAL-SVS02-08-P310-L50-S15-E00 Datasheet
1Mb / 6P
   Power Distribution System
SVS02-12-P310-L50-S15-E00 ETAL-SVS02-12-P310-L50-S15-E00 Datasheet
1Mb / 6P
   Power Distribution System
SVS02-16-P310-L50-S15-E00 ETAL-SVS02-16-P310-L50-S15-E00 Datasheet
1Mb / 6P
   Power Distribution System
More results

Similar Description - SVS09-10-C10

ManufacturerPart #DatasheetDescription
logo
ETAL Group
SVS14 ETAL-SVS14 Datasheet
870Kb / 6P
   Systematic integration of power distribution, protection and signalling functions
SVS20 ETAL-SVS20 Datasheet
2Mb / 8P
   Systematic integration of protection and distribution functions
SVS25 ETAL-SVS25 Datasheet
1Mb / 6P
   Systematic integration of protection and distribution functions
logo
List of Unclassifed Man...
XAL-D324 ETC2-XAL-D324 Datasheet
4Mb / 46P
   Contact functions and light functions with integral LED
logo
ETAL Group
SVS18 ETAL-SVS18 Datasheet
1Mb / 6P
   Systematic integration of overcurrent protection, power distribution and signalling on one board
logo
Rohm
BD9035AEFV-C ROHM-BD9035AEFV-C Datasheet
1Mb / 26P
   various protection functions
logo
OSRAM GmbH
LSG6SP.01 OSRAM-LSG6SP.01 Datasheet
1Mb / 21P
   Signalling
logo
List of Unclassifed Man...
ZB2BA5 ETC2-ZB2BA5 Datasheet
1Mb / 23P
   CONTROL AND SIGNALLING UNITS
logo
ETAL Group
SVS16 ETAL-SVS16 Datasheet
909Kb / 6P
   Integral complete DC 24 V system for overcurrent protection, power distribution and remote input and output
logo
Texas Instruments
UC1851 TI1-UC1851_14 Datasheet
768Kb / 12P
[Old version datasheet]   All Control, Driving, Monitoring, and Protection Functions Included
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com