Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVS04-04-B10-K01-SB01 Datasheet(PDF) 4 Page - ETAL Group

Part # SVS04-04-B10-K01-SB01
Description  Power Distribution System
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

SVS04-04-B10-K01-SB01 Datasheet(HTML) 4 Page - ETAL Group

  SVS04-04-B10-K01-SB01 Datasheet HTML 1Page - ETAL Group SVS04-04-B10-K01-SB01 Datasheet HTML 2Page - ETAL Group SVS04-04-B10-K01-SB01 Datasheet HTML 3Page - ETAL Group SVS04-04-B10-K01-SB01 Datasheet HTML 4Page - ETAL Group SVS04-04-B10-K01-SB01 Datasheet HTML 5Page - ETAL Group SVS04-04-B10-K01-SB01 Datasheet HTML 6Page - ETAL Group SVS04-04-B10-K01-SB01 Datasheet HTML 7Page - ETAL Group SVS04-04-B10-K01-SB01 Datasheet HTML 8Page - ETAL Group SVS04-04-B10-K01-SB01 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Power Distribution System SVS04
www.e-t-a.de
Power Distribution System SVS04
4
1646
6
Dimensions SVS04-04-... (with 15 minus terminals)
Schematic diagram SVS04-04-… (fitted with ESS20-003)
X1
X2
X3
X4
F4
F3
F2
F1
L+
L+
L+
L+
L+
X24
X23
X22
X21
Typ: SVS04-04
B10
B20
C10
AS
B
GR
+
S
X31
RESET
NUR KURZ
DRÜCKEN
top hat rail EN 50022-35x7.5
(not supplied with product)
52,2
125,5
wire bridge, fully insulated
2-pole, not fitted,
(1 piece enclosed)
bridge,
fully insulated,
3-pole
terminal
power supply
spring-loaded cage clamps
45° 10 mm2
load outputs, 5-pole 2.5 mm2 depending on fitting version
screwless spring-loaded cage clamps
plug-in type screw terminals
pcb cage clamps
B10
B20
C10
15,5
spacing
red LED flashes
when CBa1 trips
2.06
4.94
.610
depending on fitting version
marked (X)
DC 24 V / max. 40 A
X31
AS
B
GR
+
S
1
2
3
4
5
+
+
+
-
-
-
X21
1
2
3
CB1
V1
ESS20
L+
L+
L+
L+
1
2
3
4
5
X1
Line (+)
GND (-)
SC
SO
LOAD (L+)
F1
L+
L+
L+
L+
1
2
3
4
5
X2
L+
L+
L+
L+
1
2
3
4
5
X3
L+
L+
L+
L+
1
2
3
4
5
X4
ESS20
ESS20
ESS20
F2
F3
F4
Line (+)
GND (-)
SC
SO
LOAD (L+)
Line (+)
GND (-)
SC
SO
LOAD (L+)
Line (+)
GND (-)
SC
SO
LOAD (L+)
X22
X23
1
2
3
4
5
1
2
3
4
5
1
2
3
4
5
X24
LED V1 flashes upon trip of CB1
Circuit breaker CB1 shown in tripped condition


Similar Part No. - SVS04-04-B10-K01-SB01

ManufacturerPart #DatasheetDescription
logo
ETAL Group
SVS02 ETAL-SVS02 Datasheet
1Mb / 6P
   Power Distribution System
SVS02-04-P310-L50-S15-E00 ETAL-SVS02-04-P310-L50-S15-E00 Datasheet
1Mb / 6P
   Power Distribution System
SVS02-08-P310-L50-S15-E00 ETAL-SVS02-08-P310-L50-S15-E00 Datasheet
1Mb / 6P
   Power Distribution System
SVS02-12-P310-L50-S15-E00 ETAL-SVS02-12-P310-L50-S15-E00 Datasheet
1Mb / 6P
   Power Distribution System
SVS02-16-P310-L50-S15-E00 ETAL-SVS02-16-P310-L50-S15-E00 Datasheet
1Mb / 6P
   Power Distribution System
More results

Similar Description - SVS04-04-B10-K01-SB01

ManufacturerPart #DatasheetDescription
logo
ETAL Group
SVS02 ETAL-SVS02 Datasheet
1Mb / 6P
   Power Distribution System
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
   Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
logo
List of Unclassifed Man...
2125H ETC2-2125H Datasheet
125Kb / 2P
   DISTRIBUTION CUSTOMER INFORMATION SYSTEM
logo
ETAL Group
SBG-E1048-05-V0025 ETAL-SBG-E1048-05-V0025 Datasheet
206Kb / 2P
   Power distribution system on pcb for truck applications
logo
Weidmuller
1339920000 WEIDMULLER-1339920000 Datasheet
207Kb / 2P
   Potential-distribution modules; system accessory
1346610000 WEIDMULLER-1346610000 Datasheet
213Kb / 2P
   Potential-distribution modules; system accessory
1469340000 WEIDMULLER-1469340000 Datasheet
56Kb / 2P
   Potential-distribution modules; system accessory
logo
Fairchild Semiconductor
AN-5048 FAIRCHILD-AN-5048 Datasheet
65Kb / 3P
   System Clock Distribution Example Using LVDS
logo
Texas Instruments
TPS2010 TI-TPS2010 Datasheet
366Kb / 17P
[Old version datasheet]   POWER-DISTRIBUTION
TPS2012DR TI1-TPS2012DR Datasheet
720Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com