Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVS02-08-P310-L50-S15-E00 Datasheet(PDF) 5 Page - ETAL Group

Part # SVS02-08-P310-L50-S15-E00
Description  Power Distribution System
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

SVS02-08-P310-L50-S15-E00 Datasheet(HTML) 5 Page - ETAL Group

  SVS02-08-P310-L50-S15-E00 Datasheet HTML 1Page - ETAL Group SVS02-08-P310-L50-S15-E00 Datasheet HTML 2Page - ETAL Group SVS02-08-P310-L50-S15-E00 Datasheet HTML 3Page - ETAL Group SVS02-08-P310-L50-S15-E00 Datasheet HTML 4Page - ETAL Group SVS02-08-P310-L50-S15-E00 Datasheet HTML 5Page - ETAL Group SVS02-08-P310-L50-S15-E00 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.e-t-a.de
Power Distribution System SVS02
5
1646
6
Power Distribution System SVS02
blade terminals
DIN 46244-A 6.3-0.8
12.3
terminals 13+14
bridged
Signalbrücke
Signal loop
Germany
www.e-t-a.de
xxxx
SB-S11-P1-01-1-1A
Jumper
SB-S11-P1-01-1-1A
.484
top view
AC 240 V / DC 65 V, 1 A
Application example for jumper to replace
+
SC
S0
-
FE
CB2
CB1
DC 24V/40A
X21+
F1
F2
F3
F4
L+S
L+L
FE
OK
6A
3A
OK
6A
3A
OK
6A
3A
X21-
X21FE
X31
X1
X2
X3
X4
Accessories
Insulated wire bridge
Y 303 881 08
Two insulated wire bridges are supplied with the power distribution
system. They may be used for:
- Channel X31: internal +DC 24 V supply for signalisation wire
bridge from (+) to (SC)
Signal circuit (+) to (SC) protected by CB2
Signal circuit (SC) to (SO) protected by CB1
- Channel X1: Protected load output (L+L) of CBE position F1
takes over protection of (L+S) terminals of all
CBEs F2 up to Fn (n= 04, 08, 12, 16)
Application example for insulated wire bridge
Terminal X1
Protected load output (L+L) of CBE position F1
takes over protection of (L+S) terminals of all
CBEs F2 up to Fn (n= 04, 08, 12, 16)
Terminal X31 (group signalisation)
wire bridge from (+) to (SC)
internal +DC24V feed for signalisation
Thus plus potential of terminal X21+
is connected to (SC)
+
SC
S0
-
FE
CB2
CB1
DC 24V/40
F1
F2
F3
F4
L+S
L+L
FE
OK
6A
3A
OK
6A
3A
OK
6A
3A
X1
X2
X3
X4
X21+
X21-
X21FE
OK
6A
3A
A
X31
The signalling pathway of the group signalisation is as follows:
- feed-in of +DC 24 V potential in (SC = terminal 31.2)
- via in-built overcurrent protection CB1
- via all signal contacts of the fitted circuit breakers type ESS20-003
- back to signal output of group signalisation (S0 = terminal 31.3)
In operating condition (i.e. all circuit breakers plugged in and
functional) the signalling pathway (SC) to (S0) is closed.
If the distribution rail is not completely fitted with ESS20-003,
the open pathway (SC) to (S0) may be closed by means of a
jumper type SB-S11-P1-01-1-1A
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications without
notice is reserved. Product markings may not be exactly as the ordering codes. Errors and
omissions excepted.
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - SVS02-08-P310-L50-S15-E00

ManufacturerPart #DatasheetDescription
logo
ETAL Group
SVS04 ETAL-SVS04 Datasheet
2Mb / 10P
   Power Distribution System
SVS04-04-B10-K01-SB01 ETAL-SVS04-04-B10-K01-SB01 Datasheet
2Mb / 10P
   Power Distribution System
SVS04-04-B20-K01-SB01 ETAL-SVS04-04-B20-K01-SB01 Datasheet
2Mb / 10P
   Power Distribution System
SVS04-04-C10-K01-SB01 ETAL-SVS04-04-C10-K01-SB01 Datasheet
2Mb / 10P
   Power Distribution System
SVS04-08-B10-K01-SB01 ETAL-SVS04-08-B10-K01-SB01 Datasheet
2Mb / 10P
   Power Distribution System
More results

Similar Description - SVS02-08-P310-L50-S15-E00

ManufacturerPart #DatasheetDescription
logo
ETAL Group
SVS04 ETAL-SVS04 Datasheet
2Mb / 10P
   Power Distribution System
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
   Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
logo
List of Unclassifed Man...
2125H ETC2-2125H Datasheet
125Kb / 2P
   DISTRIBUTION CUSTOMER INFORMATION SYSTEM
logo
ETAL Group
SBG-E1048-05-V0025 ETAL-SBG-E1048-05-V0025 Datasheet
206Kb / 2P
   Power distribution system on pcb for truck applications
logo
Weidmuller
1339920000 WEIDMULLER-1339920000 Datasheet
207Kb / 2P
   Potential-distribution modules; system accessory
1346610000 WEIDMULLER-1346610000 Datasheet
213Kb / 2P
   Potential-distribution modules; system accessory
1469340000 WEIDMULLER-1469340000 Datasheet
56Kb / 2P
   Potential-distribution modules; system accessory
logo
Fairchild Semiconductor
AN-5048 FAIRCHILD-AN-5048 Datasheet
65Kb / 3P
   System Clock Distribution Example Using LVDS
logo
Texas Instruments
TPS2010 TI-TPS2010 Datasheet
366Kb / 17P
[Old version datasheet]   POWER-DISTRIBUTION
TPS2012DR TI1-TPS2012DR Datasheet
720Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com