Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESR10-NC2A4HB-00-D1-30A Datasheet(PDF) 1 Page - ETAL Group

Part # ESR10-NC2A4HB-00-D1-30A
Description  Electronic Standard Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESR10-NC2A4HB-00-D1-30A Datasheet(HTML) 1 Page - ETAL Group

  ESR10-NC2A4HB-00-D1-30A Datasheet HTML 1Page - ETAL Group ESR10-NC2A4HB-00-D1-30A Datasheet HTML 2Page - ETAL Group ESR10-NC2A4HB-00-D1-30A Datasheet HTML 3Page - ETAL Group ESR10-NC2A4HB-00-D1-30A Datasheet HTML 4Page - ETAL Group ESR10-NC2A4HB-00-D1-30A Datasheet HTML 5Page - ETAL Group ESR10-NC2A4HB-00-D1-30A Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.e-t-a.de
Electronic Standard Relay - ESR10 ISO Micro
1644
1
5
Description
Benefits
Technical data (25 °C) – ESR10 Micro 10 A
ESR10 Micro
Voltage supply LINE+
System voltage
UB
DC 12 V / DC 24 V
Operating voltage
6...16 V / 10...32 V
Closed current1)
OFF
8 µA
Load circuit LOAD
Load output
MOSFET, high side switching (HSS)
Load types
resistive, inductive and capacitive
Protective function
short circuit proof,
temperature disconnection (pulsing)
Current rating
IN
10 A
Voltage drop1)
UON
75 mV
Max. short circuit current
60 A (L/R = 3 ms)
Control input IN+
Control voltage
ON
12 V: ±6...16 V; 24 V: ±10...32 V
OFF
12 V: ±0...2 V; 24 V: ±0...4 V
Control current 1) 2)
10 mA (at 13.5 V respectively 27 V)
(derating see chart)
Switching frequency
max.
see chart
Rising edge
< 5 ms
General data
Reverse polarity
load
yes (reverse polarity conductive) 3)
protection circuit,
load circuit
Cycle times 1)
tON
0.5 ms
tOFF
0.5 ms
Temperature range
-40 °C…85 °C
Dimensions
ISO Standard Micro
(with retaining lugs)
plugged in
26 x 15.5 x 26 mm
including contacts
26 x 15.5 x 37 mm
Mass1)
15 g
1) typically
2) The upstream controlgear may misconstrue the situation as “wire
break” due to the extremely low control current. In this case the
trigger threshold should be adjusted.
3) In the event of reverse polarity connection, the MOSFET will switch
through automatically for self-protection.
The smart power relay ESR10 Micro (Electronic Standard Relay) is a
solid state relay which can replace electro-mechanical relays.
The ESR10 is a plus switching (high side switch) closing relay (NO) in
an ISO Micro automotive relay enclosure.
It allows bipolar control by a positive voltage. This space-saving relay
is available in three power classes:
l
10 A for max. 85° C / (12 and 24) Vdc
l
17 A for max. 105° C / (12 and 24) Vdc
l
30 A for max. 85° C / 12 Vdc
Applications
The ESR10 helps to switch loads whose current demand is too high
to be connected directly to the controlgear. The switching function
of the ESR10 is completely noiseless. This allows installation in the
vehicle's interior.
The ESR10 Micro is suitable for all applications in DC 12 V or 24 V
electrical systems where valves, motors, lamps etc. have to switched:
l
Road vehicles (passenger cars, bicycles, trucks, buses, working
vehicles and emergency cars, special vehicles)
l
Construction vehicles and agricultural vehicles
l
Watercraft (ships, sailing boats, motor yachts etc.)
l
The low current consumption, particularly in the ON condition,
helps to reduce gas consumption as well as CO2 emissions.
l
The solid state relay switches silently and features wear-free
operation of all loads with an extremely long life span.
Type No.
ESR10
electronic standard relay
Protection (characteristic curve)
N
not protected, only short circuit protection
Type of enclosure
C2 Micro enclosure with hexagonal latching lugs
Terminals (pins)
A4 standard automotive, 4-pole (ISO)
Load and control
HB high-side-switch (HSS), bipolar control
Sub type
00 standard
System voltage
D1 DC 12 V
D2 DC 24 V
Current rating (at 25°C)
10 A
17 A
30 A *
ESR10 -
N
C2 A4 HB - 00 - D1 - 10A ordering example
* The 30A version of the ESR10 Micro will only be available upon request and
for high volume projects (> 5000 pcs). Small quantities cannot be ordered.
Order numbering code


Similar Part No. - ESR10-NC2A4HB-00-D1-30A

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR10 ROHM-ESR10 Datasheet
106Kb / 7P
   Endured surge thick film chip resistor
ESR10 ROHM-ESR10 Datasheet
75Kb / 5P
   Anti-surge Chip Resistors
ESR10 ROHM-ESR10 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors 2kV to 5kV electrostatic discharge resistance.
ESR10 ROHM-ESR10 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10 ROHM-ESR10 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
More results

Similar Description - ESR10-NC2A4HB-00-D1-30A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT2A ETC-CT2A Datasheet
348Kb / 1P
   Electronic timer relay
logo
PHOENIX CONTACT
EMD-BL-C-10 PHOENIX-EMD-BL-C-10 Datasheet
143Kb / 6P
   Electronic monitoring relay for overcurrent
EMD-FL-C-10 PHOENIX-EMD-FL-C-10 Datasheet
163Kb / 8P
   Electronic monitoring relay for overcurrent
logo
TE Connectivity Ltd
V23079 TEC-V23079 Datasheet
1Mb / 7P
   Standard telecom relay
logo
DB Lectro Inc
110D-1C DBLECTRO-110D-1C Datasheet
567Kb / 2P
   standard DIP relay,
logo
TE Connectivity Ltd
P2-V23079 TEC-P2-V23079 Datasheet
1Mb / 7P
   Standard telecom relay
logo
DB Lectro Inc
110D-1A DBLECTRO-110D-1A Datasheet
626Kb / 2P
   standard DIP relay
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
   Electronic monitoring relay for temperature monitoring
logo
Adam Technologies, Inc.
RT3-5 ADAM-TECH-RT3-5 Datasheet
94Kb / 1P
   RELAY STANDARD PC MOUNT
RT3-45 ADAM-TECH-RT3-45 Datasheet
94Kb / 1P
   RELAY STANDARD PC MOUNT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com