Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-1072-220 Datasheet(PDF) 4 Page - ETAL Group

Part # E-1072-220
Description  Voltage rating DC 24 V (19.2...36 V)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1072-220 Datasheet(HTML) 4 Page - ETAL Group

  E-1072-220 Datasheet HTML 1Page - ETAL Group E-1072-220 Datasheet HTML 2Page - ETAL Group E-1072-220 Datasheet HTML 3Page - ETAL Group E-1072-220 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.e-t-a.de
Solid State Remote Power Controller E-1072-2...
1646
4
5
Terminal selection
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications without
notice is reserved. Product markings may not be exactly as the ordering codes. Errors and
omissions excepted.
}
21
22
23
24
11
12
13
14
31
32
33
34
41
42
43
44
Top side
LEVEL 2
LEVEL 1
LEVEL 3
LEVEL 4
Cable side (bottom)
disconnection
typ. 1.15 x I
N
short circuit
disconnection
typ. 300 ms
current limitation
typ. 2 x I
N
IK
1
2
… times rated current
100
10
1
0.1
0.01
3
max. 1.25 x I
N
min. 1.05 x I
N
0
5
1.5 x I
N
Typical time/current characteristics (TA = 25 °C)
Level
Terminal Remark
11
+UContr (Control voltage plus)
1
12
not used
DC 18...32 V
13 / 14
-UContr (Vontrol voltage minus)
21
option-210:
option-220:
Kl. 21
(+)
2
22
status indication
“BM” analog output
(relay contact)
4-20 mA
Kl. 22
(-)
23 / 24 “Err1” group fault signalisation
(relay contact )
31
load (+)
32
load (-)
DC 24 V / 1 A (or 2 A)
33 / 34 load current measurement by voltmeter
3
IN = 1 A: shunt 0.2 Ω/1 %
IN = 2 A: shunt 0.1 Ω/1 %
shunt integral with device
Kl. 33: shunt+ / Kl. 34: shunt-
41 / 42 “Err2” indication of fault circuit breaker
(auxiliary contact)
4
43
+US (operating voltage plus)
44
-US (operating voltage minus)
DC 19.2...36 V


Similar Part No. - E-1072-220

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1072-100 ETAL-E-1072-100 Datasheet
177Kb / 4P
   PLC controllable electronic switching amplifier (max. 3 A) with additional protective and control functions for DC 24 V loads (e.g.solenoids, magnetic brakes, electromagnetic clutches, monitoring and indicator lamps).
E-1072-128 ETAL-E-1072-128 Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
E-1072-128-DC24V-3A ETAL-E-1072-128-DC24V-3A Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
More results

Similar Description - E-1072-220

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1072-128 ETAL-E-1072-128 Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
2-5000 ETAL-2-5000 Datasheet
282Kb / 4P
   Voltage rating AC 250 V; DC 28 V
logo
RICOH electronics devic...
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
logo
Shanghai Leiditech Elec...
PESD2442L002 LEIDITECH-PESD2442L002 Datasheet
1Mb / 5P
   Maximum allowable continuous DC voltage V DC 24 V
logo
BELIMO AIRCONTROLS (USA...
AKRB24-IP BELIMO-AKRB24-IP Datasheet
171Kb / 1P
   Nominal voltage AC/DC 24 V
logo
Shanghai Leiditech Elec...
MVR0402-240E150 LEIDITECH-MVR0402-240E150 Datasheet
190Kb / 5P
   Maximum allowable continuous DC voltage 24 v
MVR0402-240E015 LEIDITECH-MVR0402-240E015 Datasheet
385Kb / 5P
   Maximum allowable continuous DC voltage 24 V
logo
Vishay Siliconix
SIC431 VISHAY-SIC431_V01 Datasheet
2Mb / 23P
   3 V to 24 V Input, 24 A microBUCK짰 DC/DC Converter
01-Jan-2022
logo
Power Integrations, Inc...
DI-56 POWERINT-DI-56 Datasheet
371Kb / 2P
   19.2 W DC-DC Converter
logo
Nell Semiconductor Co.,...
340PT NELLSEMI-340PT Datasheet
456Kb / 3P
   Voltage rating up to 1600 V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com