Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-1048-8S Datasheet(PDF) 2 Page - ETAL Group

Part # E-1048-8S
Description  The E-1048-8Slimline features integral power electronics and provides wear-free switching function, insensitive against shock, vibration and dust
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1048-8S Datasheet(HTML) 2 Page - ETAL Group

  E-1048-8S Datasheet HTML 1Page - ETAL Group E-1048-8S Datasheet HTML 2Page - ETAL Group E-1048-8S Datasheet HTML 3Page - ETAL Group E-1048-8S Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.e-t-a.de
Smart Power Relay E-1048-8S...
1646
2
5
Technical Data (Tamb. = 25 °C, UN = DC 24 V)
Ordering Information
Delay time 1)
ton 0.5 ms / toff 1.5 ms
Short circuit, overload
- disconnection of load
in load circuit
- no automatic re-start
- after remedy of the fault unit has to
be reset via control input IN+
Control input IN+
Control voltage IN+
0...5 V = “OFF”, 8.5...32 V = “ON”
Control current IE 1)
1 mA at 12 V / 5 mA at 24 V
Reset in the event of a failure - via external control signal (low - high)
at control input IN+
- via reset of supply voltage
Rising edge of IN+
< 5 ms
Status functions
Group fault signal SF
transistor output minus-switching
(LSS), open collector, short circuit and
overload-proof; max. load DC 32 V /
2 A 0 V level; in the event of overload
and short circuit disconnection
Visual status indication
control current on (AS)
yellow LED lighted
disconnection
overcurrent (SF)
red LED lighted
General data
Reverse polarity protection
Control circuit
yes
Load circuit
no (due to integral free-wheeling diode)
Temperature range
1...20 A: -40...+85 °C
ambient temperature
25 A: -40...70 °C without load reduction
< Temperature shutdown
power transistor > 150 °C
Tests
Humid heat
combined test, 9 cycles with
functional test
test to DIN EN 60068-2-30, Z/AD
Temperature change
min. temperature -40 °C,
max. temperature +90 °C
test to DIN IEC 60068-2-14, Nb
Vibration (random)
in operation, with temperature change
6 g eff. (10 Hz...2,000 Hz)
test to DIN EN 60068-2-64
Vibration was tested with standard
sockets for PCB mounting.
Behaviour at vibrations depends on
design, quality and age (number of
push-in cycles) of the socket particularly
regarding duration of the vibration and
the mounting position
Shock
25 g/11 ms, 10 shocks
test to DIN EN 60068-2-27
Corrosion
test to DIN EN 60068-2-52, severity 3
EMC requirements
EMC directive:
emitted interference EN 61000-6-3
noise immunity EN 61000-6-2
Terminals
4 blade terminals 6.3 mm x 0.8 mm
to DIN 46244-A6.3-0.8
contact material CuZn37F37
copper-plated and tin-plated
Dimensions
approx. 30 x 45 x 9 mm when plugged in
41 x 45 x 9 mm including terminals
Mass
approx. 13 g
Connection diagram SLIMLINE
LOAD (+)
GND
LINE (+)
DC 12 V/24 V
IN+
SF *
group fault signal
* optionally available:
- status output SF (group fault)
1…10 mA
max. 2 A
AS
SF
control input
yellow
red
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Type No.
E-1048-8S Smart Power Relay DC 12/24 V, ratings 1 through 25 A,
SLIMLINE design
2 - C3
without enclosure, temperature range 40 … 85 °C
(70 °C at 25 A); LED indication: yellow AS (control
signal), red SF (group fault signal)
Status output minus switching
A
without
C
with group fault output (SF)
1 - 4U3 - short circuit and overload indication, 200 ms
switch-off delay at overload; DC 12/24 V
Current ratings
1 A
2 A
3 A
5 A
7.5 A
10 A
15 A
20 A
25 A
E-1048-8S 2- C3 C 1-4U3 - 10A ordering example


Similar Part No. - E-1048-8S

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1048-8 ETAL-E-1048-8 Datasheet
252Kb / 6P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
E-1048-8C4-C0A0V0-4U3-1A ETAL-E-1048-8C4-C0A0V0-4U3-1A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-2A ETAL-E-1048-8C4-C0A0V0-4U3-2A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-3A ETAL-E-1048-8C4-C0A0V0-4U3-3A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-5A ETAL-E-1048-8C4-C0A0V0-4U3-5A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
More results

Similar Description - E-1048-8S

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1048-8D ETAL-E-1048-8D Datasheet
203Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048 ETAL-E-1048 Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8 ETAL-E-1048-8 Datasheet
252Kb / 6P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
   Vibration and shock resistant
logo
Richco, Inc.
SVF-1 RICHCO-SVF-1 Datasheet
75Kb / 1P
   SHOCK AND VIBRATION FOOT
logo
TEMEX
RSX-5 TEMEX-RSX-5 Datasheet
477Kb / 5P
   Excellent shock and vibration performance
logo
EUROQUARTZ limited
CX1HGSM EUROQUARTZ-CX1HGSM Datasheet
134Kb / 2P
   High shock and vibration resistance
logo
List of Unclassifed Man...
GVD-1016-40 ETC2-GVD-1016-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
logo
Marl International Limi...
258-501-64-3812 MARL-258-501-64-3812_15 Datasheet
204Kb / 4P
   Durable to shock and vibration
255-501-64-38 MARL-255-501-64-38_14 Datasheet
277Kb / 5P
   Durable to shock and vibration
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com