Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYBLE-212006-01 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYBLE-212006-01
Description  Module size: 15.00 mm 횞 23.00 mm 횞 2.00 mm
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYBLE-212006-01 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYBLE-212006-01 Datasheet HTML 1Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 2Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 3Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 4Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 5Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 6Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 7Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 8Page - Cypress Semiconductor CYBLE-212006-01 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Document Number: 002-15631 Rev.*B
Page 2 of 39
PRELIMINARY
CYBLE-212006-01
CYBLE-202007-01
CYBLE-202013-11
More Information
Cypress provides a wealth of data at www.cypress.com to help you to select the right module for your design, and to help you to
quickly and effectively integrate the module into your design.
Overview: EZ-BLE Module Portfolio, Module Roadmap
■ EZ-BLE PRoC Product Overview
■ PRoC BLE Silicon Datasheet
Application notes: Cypress offers a number of BLE application
notes covering a broad range of topics, from basic to advanced
level. Recommended application notes for getting started with
EZ-BLE modules are:
❐ AN96841 - Getting Started with EZ-BLE Module
❐ AN94020 - Getting Started with PRoC BLE
❐ AN97060 - PSoC
® 4 BLE and PRoC™ BLE - Over-The-Air
(OTA) Device Firmware Upgrade (DFU) Guide
❐ AN91162 - Creating a BLE Custom Profile
❐ AN91184 - PSoC 4 BLE - Designing BLE Applications
❐ AN92584 - Designing for Low Power and Estimating Battery
Life for BLE Applications
❐ AN85951 - PSoC
® 4 CapSense® Design Guide
❐ AN95089 - PSoC
® 4/PRoC™ BLE Crystal Oscillator Selec-
tion and Tuning Techniques
❐ AN91445 - Antenna Design and RF Layout Guidelines
Technical Reference Manual (TRM):
PRoC
® BLE Technical Reference Manual
Knowledge Base Articles
❐ KBA216542 - Pin Mapping Differences Between the
EZ-BLE™ PRoC® Evaluation Boards (CY-
BLE-212006-EVAL/CYBLE-202007-EVAL/CY-
BLE-202013-EVAL) and the BLE Pioneer Kit
(CY8CKIT-042-BLE)
❐ KBA97095 - EZ-BLE™ Module Placement
❐ KBA216380 - RF Regulatory Certifications for CY-
BLE-212006-01 and CYBLE-202007-01 EZ-BLE™ PRoC®
XR Modules
❐ KBA213976 - FAQ for BLE and Regulatory Certifications with
EZ-BLE modules
❐ KBA210802 - Queries on BLE Qualification and Declaration
Processes
Development Kits:
❐ CYBLE-212006-EVAL, CYBLE-212006-01 Eval Board
❐ CYBLE-202007-EVAL, CYBLE-202007-01 Eval Board
❐ CYBLE-202013-EVAL, CYBLE-202013-11 Eval Board
❐ CY8CKIT-042-BLE, Bluetooth
® Low Energy Pioneer Kit
❐ CY8CKIT-002, PSoC
® MiniProg3 Program and Debug Kit
Test and Debug Tools:
❐ CYSmart, Bluetooth
® LE Test and Debug Tool (Windows)
❐ CYSmart Mobile, Bluetooth
® LE Test and Debug Tool
(Android/iOS Mobile App)
Two Design Environments to Get You Started Quickly
PSoC® Creator™ Integrated Design Environment (IDE)
PSoC Creator is an Integrated Design Environment (IDE) that enables concurrent hardware and firmware editing, compiling and
debugging of PSoC 3, PSoC 4, PSoC 5LP, PSoC 4 BLE, PRoC BLE and EZ-BLE module systems with no code size limitations. PSoC
peripherals are designed using schematic capture and simple graphical user interface (GUI) with over 120 pre-verified,
production-ready PSoC Components™.
PSoC Components are analog and digital “virtual chips,” represented by an icon that users can drag-and-drop into a design and
configure to suit a broad array of application requirements.
Bluetooth Low Energy Component
The Bluetooth Low Energy Component inside PSoC Creator provides a comprehensive GUI-based configuration window that lets you
quickly design BLE applications. The Component incorporates a Bluetooth Core Specification v4.1 compliant BLE protocol stack and
provides API functions to enable user applications to interface with the underlying Bluetooth Low Energy Sub-System (BLESS)
hardware via the stack.
EZ-Serial™ BLE Firmware Platform
The EZ-Serial Firmware Platform provides a simple way to access the most common hardware and communication features needed
in BLE applications. EZ-Serial implements an intuitive API protocol over the UART interface and exposes various status and control
signals through the module’s GPIOs, making it easy to add BLE functionality quickly to existing designs. Use a simple serial terminal
and evaluation kit to begin development without requiring an IDE. Refer to the EZ-Serial webpage for user manuals and instructions
for getting started as well as detailed reference materials.
EZ-BLE modules are pre-flashed with the EZ-Serial Firmware Platform. If you do not have EZ-Serial pre-loaded on your module, you
can download each EZ-BLE module’s firmware images on the EZ-Serial webpage.
Technical Support
■ Frequently Asked Questions (FAQs): Learn more about our BLE ECO System.
■ Forum: See if your question is already answered by fellow developers on the PSoC 4 BLE and PRoC BLE forums.
Visit our support page and create a technical support case or contact a local sales representatives. If you are in the United States,
you can talk to our technical support team by calling our toll-free number: +1-800-541-4736. Select option 2 at the prompt.


Similar Part No. - CYBLE-212006-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYBLE-212019-00 CYPRESS-CYBLE-212019-00 Datasheet
1Mb / 38P
   EZ-BLETM PRoCTM Module
CYBLE-212020-01 CYPRESS-CYBLE-212020-01 Datasheet
3Mb / 37P
   Module size: 14.52 mm 횞19.20 mm 횞 2.00 mm (with shield)
More results

Similar Description - CYBLE-212006-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYBLE-212020-01 CYPRESS-CYBLE-212020-01 Datasheet
3Mb / 37P
   Module size: 14.52 mm 횞19.20 mm 횞 2.00 mm (with shield)
CYBLE-214015-01 CYPRESS-CYBLE-214015-01 Datasheet
3Mb / 42P
   Module size: 11.0 mm 횞 11.0 mm 횞 1.80 mm (with shield)
CYBLE-224116-01 CYPRESS-CYBLE-224116-01 Datasheet
4Mb / 46P
   Module size: 9.5 mm 횞 15.4 mm 횞 1.80 mm (with shield)
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH_08 Datasheet
316Kb / 3P
   3.0 mm 횞 7.0 mm
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
   5.3 mm 횞 1.8 mm
LN220RPH PANASONIC-LN220RPH_08 Datasheet
317Kb / 3P
   1.75 mm 횞 7.0 mm
logo
Broadcom Corporation.
AS22 BOARDCOM-AS22 Datasheet
819Kb / 7P
   Compact size 횠22 횞 10.9 mm
logo
Panasonic Semiconductor
LN248WAL PANASONIC-LN248WAL Datasheet
29Kb / 1P
   5.0 mm 횞 2.0 mm Series
logo
EPCOS
B82471A1 EPCOS-B82471A1 Datasheet
173Kb / 7P
   SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
logo
LUXPIA
LBW1035 LUXPIA-LBW1035 Datasheet
337Kb / 17P
   3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com