Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY24942 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY24942
Description  25 MHz Crystal or Clock Input
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24942 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY24942 Datasheet HTML 6Page - Cypress Semiconductor CY24942 Datasheet HTML 7Page - Cypress Semiconductor CY24942 Datasheet HTML 8Page - Cypress Semiconductor CY24942 Datasheet HTML 9Page - Cypress Semiconductor CY24942 Datasheet HTML 10Page - Cypress Semiconductor CY24942 Datasheet HTML 11Page - Cypress Semiconductor CY24942 Datasheet HTML 12Page - Cypress Semiconductor CY24942 Datasheet HTML 13Page - Cypress Semiconductor CY24942 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
CY24292
Document Number: 001-46142 Rev. *E
Page 10 of 19
Absolute Maximum Ratings
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply voltage
–0.5
4.6
V
VIN
Input voltage
Relative to VSS
–0.5
VDD+0.5
V
TS
Temperature, Storage
Non Operating
–65
150
°C
TJ
Temperature, Junction
125
°C
ESDHBM
ESD Protection (Human Body Model) JEDEC EIA/JESD22-A114-E
2000
V
UL-94
Flammability rating
V-0 at 1/8 in.
MSL
Moisture sensitivity level
3
Recommended Operation Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
Supply voltage
3.0
3.6
V
TAC
Commercial ambient temperature
0–
70
°C
TAI
Industrial ambient temperature
–40
85
°C
tPU
Power up time for all VDD to reach minimum specified voltage (power ramps
must be monotonic)
0.05
500
ms
tPD
Minimum pulse width of PD_RESET# input
100
ns
VSMB
SMBus Voltage
3.0
3.6
V
RREFTOL
Tolerance on the 475
RREF resistor that sets output currents on 100MHz
ports
––
1%


Similar Part No. - CY24942

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2410 CYPRESS-CY2410 Datasheet
432Kb / 13P
   MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
CY2410-1 CYPRESS-CY2410-1 Datasheet
432Kb / 13P
   MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
CY2410-5 CYPRESS-CY2410-5 Datasheet
432Kb / 13P
   MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
CY24115 CYPRESS-CY24115 Datasheet
120Kb / 5P
   MediaClock??Mini Disc Clock Generator
CY24115SC-1 CYPRESS-CY24115SC-1 Datasheet
120Kb / 5P
   MediaClock??Mini Disc Clock Generator
More results

Similar Description - CY24942

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS556-01 ICST-ICS556-01 Datasheet
144Kb / 6P
   BROADCOM 25 MHZ LVDS CLOCK
logo
ON Semiconductor
NB3N5573DTGEVB ONSEMI-NB3N5573DTGEVB Datasheet
86Kb / 8P
   3.3 V, Crystal to 25 MHz, 100 MHz, 125 MHz and 200 MHz Dual HCSL Clock Generator
March, 2017 ??Rev. 11
logo
NXP Semiconductors
PCK12429 PHILIPS-PCK12429 Datasheet
128Kb / 14P
   25-400 MHz differential PECL clock generator
2002 Jun 03
logo
Formosa MS
90SMO FORMOSA-90SMO Datasheet
119Kb / 1P
   Crystal Clock Oscillators (3.3V or 5.0V FIXED MODELS)
logo
Integrated Device Techn...
8L30110 IDT-8L30110 Datasheet
574Kb / 22P
   Crystal or Differential to LVCMOS/ LVTTL Clock Buffer
logo
Renesas Technology Corp
8T39204 RENESAS-8T39204 Datasheet
1Mb / 41P
   Crystal or Differential to Differential Clock Fanout Buffer
February 2, 2023
8T39S06A RENESAS-8T39S06A Datasheet
1Mb / 40P
   Crystal or Differential to Differential Clock Fanout Buffer
May 20, 2016
logo
Integrated Device Techn...
8L30205 IDT-8L30205 Datasheet
407Kb / 20P
   Crystal or Differential to LVCMOS/ LVTTL Clock Buffer
8T39S04A IDT-8T39S04A Datasheet
807Kb / 36P
   Crystal or Differential to Differential Clock Fanout Buffer
8L30110 IDT-8L30110_17 Datasheet
503Kb / 20P
   Crystal or Differential-to-LVCMOS LVTTL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com