Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW20702A1KWFBG Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYW20702A1KWFBG
Description  Bluetooth 4.0 EDR and Low Energy compliant
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20702A1KWFBG Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYW20702A1KWFBG Datasheet HTML 1Page - Cypress Semiconductor CYW20702A1KWFBG Datasheet HTML 2Page - Cypress Semiconductor CYW20702A1KWFBG Datasheet HTML 3Page - Cypress Semiconductor CYW20702A1KWFBG Datasheet HTML 4Page - Cypress Semiconductor CYW20702A1KWFBG Datasheet HTML 5Page - Cypress Semiconductor CYW20702A1KWFBG Datasheet HTML 6Page - Cypress Semiconductor CYW20702A1KWFBG Datasheet HTML 7Page - Cypress Semiconductor CYW20702A1KWFBG Datasheet HTML 8Page - Cypress Semiconductor CYW20702A1KWFBG Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
Document Number: 002-14773 Rev. *L
Page 4 of 55
CYW20702
1. Overview
The CYW20702 complies with Bluetooth Core Specification, version 4.0 and is designed for use in standard Host Controller Interface
(HCI) UART and HCI USB applications. The combination of the Bluetooth Baseband Core (BBC), a Peripheral Transport Unit (PTU),
and an ARM®-based microprocessor with on-chip ROM provides a complete lower layer Bluetooth protocol stack, including the Link
Controller (LC), Link Manager (LM), and HCI.
1.1 Major Features
Major features of the CYW20702 include:
Support for Bluetooth 4.0 + EDR and Low Energy (LE), including the following options:
A whitelist size of 25.
Enhanced Power Control
HCI Read Encryption Key Size command
Full support for Bluetooth 2.1 + EDR additional features:
Secure Simple Pairing (SSP)
Encryption Pause Resume (EPR)
Enhance Inquiry Response (EIR)
Link Supervision Time Out (LSTO)
Sniff SubRating (SSR)
Erroneous Data (ED)
Packet Boundary Flag (PBF)
Built-in Low Drop-Out (LDO) regulators (2)
1.63 to 5.5V input voltage range
1.8 to 3.3V intermediate programmable output voltage
Integrated RF section
Single-ended, 50 ohm RF interface
Built-in TX/RX switch functionality
TX Class 1 output power capability
RX sensitivity basic rate of –88 dBm
RX sensitivity for Low Energy of –92 dBm
Supports maximum Bluetooth data rates over HCI UART, USB, and SPI interfaces
Multipoint operation, with up to 7 active slaves
Maximum of 7 simultaneous active ACL links
Maximum of 3 simultaneous active SCO and eSCO links, with Scatternet support
Scatternet operation, with up to 4 active piconets (with background scan and support for ScatterMode)
High-speed HCI UART transport support
H4 five-wire UART (four signal wires, one ground wire)
H5 three-wire UART (two signal wires, one ground wire)
Maximum UART baud rates of 4 Mbps
Low-power out-of-band BT_WAKE and HOST_WAKE signaling
VSC from host transport to UART
Proprietary compressing scheme (allows more than 2 simultaneous A2DP packets and up to 5 devices at a time)
HCI USB transport support
USB version 2.0 full-speed compliant interface
Full USB hub
UHE (proprietary method for emulating a Human Interface Device (HID) at system bootup)


Similar Part No. - CYW20702A1KWFBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704UA2KFFB1G CYPRESS-CYW20704UA2KFFB1G Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705A1KWFBG CYPRESS-CYW20705A1KWFBG Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705A1KWFBG CYPRESS-CYW20705A1KWFBG Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results

Similar Description - CYW20702A1KWFBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20715 CYPRESS-CYW20715 Datasheet
3Mb / 47P
   Bluetooth 4.0 EDR compliant
CYW20710 CYPRESS-CYW20710 Datasheet
4Mb / 50P
   Bluetooth 4.0 EDR compliant
CYW20713 CYPRESS-CYW20713 Datasheet
4Mb / 52P
   Bluetooth 4.0 EDR compliant
CYW20732Y CYPRESS-CYW20732Y Datasheet
2Mb / 26P
   Bluetooth Low-Energy (BLE)-compliant
CYW20732A0 CYPRESS-CYW20732A0 Datasheet
2Mb / 35P
   Bluetooth Low-Energy (BLE)-compliant
logo
TriQuint Semiconductor
TQP770001 TRIQUINT-TQP770001 Datasheet
334Kb / 10P
   Bluetooth Two Stage (HBT) Power Amplifier (EDR Compliant)
logo
NXP Semiconductors
MKW40Z160 NXP-MKW40Z160 Datasheet
1Mb / 64P
   2.4 GHz Bluetooth Low Energy version 4.1 compliant
Rev. 1.1, 10/2015
logo
List of Unclassifed Man...
BLE121LR ETC2-BLE121LR Datasheet
877Kb / 29P
   Bluetooth v. 4.0 Single Mode Compliant
BLE113 ETC2-BLE113 Datasheet
999Kb / 30P
   Bluetooth v. 4.0, single mode compliant
BLE112 ETC2-BLE112 Datasheet
973Kb / 31P
   Bluetooth v.4.0, single mode compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com