Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW20715 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYW20715
Description  Bluetooth 4.0 EDR compliant
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20715 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYW20715 Datasheet HTML 3Page - Cypress Semiconductor CYW20715 Datasheet HTML 4Page - Cypress Semiconductor CYW20715 Datasheet HTML 5Page - Cypress Semiconductor CYW20715 Datasheet HTML 6Page - Cypress Semiconductor CYW20715 Datasheet HTML 7Page - Cypress Semiconductor CYW20715 Datasheet HTML 8Page - Cypress Semiconductor CYW20715 Datasheet HTML 9Page - Cypress Semiconductor CYW20715 Datasheet HTML 10Page - Cypress Semiconductor CYW20715 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
Document Number: 002-14813 Rev. *B
Page 7 of 47
CYW20715
1.3 Mobile Phone Usage Model
The CYW20715 is designed to provide a direct interface to new and existing handset designs, as shown in Figure 3. The device has
flexible PCM and UART interfaces, enabling it to transparently connect to existing circuits. In addition, the TCXO and external LPO
inputs allow the use of existing handset features, helping to minimize product size, power, and cost.
The device incorporates a number of unique features to accommodate integration into mobile phone platforms.
The PCM interface provides multiple modes of operation to support both master and slave, as well as hybrid interfacing to one or
more external codec devices.
The UART interface supports hardware flow control with tight integration to power control sideband signaling to support the lowest
power operation.
The TCXO interface accommodates the typical reference frequencies used by cell phones.
A programmable TCXO power-up or power-down signal (active-high or active-low) allows the device to indicate when the clock
supplied to the device can be disabled for added power saving during Sleep mode.
The TCXO and external LPO inputs are high-impedance with minimal loading on the driving source whether power is applied to the
device or has been removed.
The highly linear design of the radio transceiver ensures that the device has the lowest output spurious emissions, regardless of
the state of operation, and has been fully characterized in the global cellular bands.
The transceiver design has excellent blocking (eliminating desensitization of the Bluetooth receiver) and intermodulation performance
(distortion of the transmitted signal caused by mixing the cellular and Bluetooth transmissions) in the presence of a cellular trans-
mission (GSM, GPRS, CDMA, WCDMA, or iDEN). Minimal external filtering is required for integration within the handset.
Few external components are required for integration and very compact WLBGA packaging is available.
Figure 3. Mobile Phone Usage Model
Voice Codec
Handset 
Baseband
TCXO
LPO Clock
CYW20715
802.11 WLAN
PCM
UART/SPI
BT_WAKE
HOST_WAKE
CLK_REQ
LPO_INPUT
(optional)
OPTIONAL/STATUS
BT_BUSY/TX_REQ
WIFI_BUSY/TX_CONFIRM
XTAL_IN
1.63V to 5.5V battery


Similar Part No. - CYW20715

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20710 CYPRESS-CYW20710 Datasheet
4Mb / 50P
   Bluetooth 4.0 EDR compliant
CYW20710A1KUBXG CYPRESS-CYW20710A1KUBXG Datasheet
4Mb / 50P
   Bluetooth 4.0 EDR compliant
CYW20710A1KUFBXG CYPRESS-CYW20710A1KUFBXG Datasheet
4Mb / 50P
   Bluetooth 4.0 EDR compliant
CYW20713 CYPRESS-CYW20713 Datasheet
4Mb / 52P
   Bluetooth 4.0 EDR compliant
CYW20713A1KUBG CYPRESS-CYW20713A1KUBG Datasheet
4Mb / 52P
   Bluetooth 4.0 EDR compliant
More results

Similar Description - CYW20715

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20710 CYPRESS-CYW20710 Datasheet
4Mb / 50P
   Bluetooth 4.0 EDR compliant
CYW20713 CYPRESS-CYW20713 Datasheet
4Mb / 52P
   Bluetooth 4.0 EDR compliant
CYW20702 CYPRESS-CYW20702 Datasheet
4Mb / 55P
   Bluetooth 4.0 EDR and Low Energy compliant
logo
TriQuint Semiconductor
TQP770001 TRIQUINT-TQP770001 Datasheet
334Kb / 10P
   Bluetooth Two Stage (HBT) Power Amplifier (EDR Compliant)
logo
List of Unclassifed Man...
BLE121LR ETC2-BLE121LR Datasheet
877Kb / 29P
   Bluetooth v. 4.0 Single Mode Compliant
BLE113 ETC2-BLE113 Datasheet
999Kb / 30P
   Bluetooth v. 4.0, single mode compliant
BLE112 ETC2-BLE112 Datasheet
973Kb / 31P
   Bluetooth v.4.0, single mode compliant
logo
DB Lectro Inc
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
   Bluetooth v2.0 EDR specification
BCD110V3 DBLECTRO-BCD110V3 Datasheet
683Kb / 2P
   Bluetooth v2.0EDR specification
logo
Delta Electronics, Inc.
DFBM-CS320 DELTA-DFBM-CS320 Datasheet
72Kb / 10P
   Wireless communication module compliant with Bluetooth TM Specification V2.0EDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com