Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB113EKFRA Datasheet(PDF) 8 Page - Rohm

Part # DTB113EKFRA
Description  -500mA/-50V Digital transistor (with built-in resistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB113EKFRA Datasheet(HTML) 8 Page - Rohm

  DTB113EKFRA Datasheet HTML 1Page - Rohm DTB113EKFRA Datasheet HTML 2Page - Rohm DTB113EKFRA Datasheet HTML 3Page - Rohm DTB113EKFRA Datasheet HTML 4Page - Rohm DTB113EKFRA Datasheet HTML 5Page - Rohm DTB113EKFRA Datasheet HTML 6Page - Rohm DTB113EKFRA Datasheet HTML 7Page - Rohm DTB113EKFRA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Datasheet
Part Number
DTB113EKFRA
Package
SMT3HP
Unit Quantity
3000
Minimum Package Quantity
3000
Packing Type
Taping
Constitution Materials List
inquiry
RoHS
Yes
DTB113EKFRA - Web Page


Similar Part No. - DTB113EKFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB113EK ROHM-DTB113EK Datasheet
66Kb / 3P
   Digital transistors (built-in resistors)
DTB113EK ROHM-DTB113EK Datasheet
142Kb / 3P
   -500mA / -50V Digital transistors (with built-in resistors)
DTB113EK ROHM-DTB113EK Datasheet
918Kb / 9P
   -500mA/-50V Digital transistor
DTB113EK ROHM-DTB113EK_09 Datasheet
142Kb / 3P
   -500mA / -50V Digital transistors (with built-in resistors)
DTB113EK ROHM-DTB113EK_15 Datasheet
918Kb / 9P
   -500mA/-50V Digital transistor
More results

Similar Description - DTB113EKFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB123EKFRA ROHM-DTB123EKFRA Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor (with built-in resistors)
DTD114ECHZG ROHM-DTD114ECHZG Datasheet
1Mb / 8P
   500mA/50V Digital transistor (with built-in resistors)
DTB143EKFRA ROHM-DTB143EKFRA Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor (with built-in resistors)
DTB113ZKFRA ROHM-DTB113ZKFRA Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor (with built-in resistors)
DTD123EKFRA ROHM-DTD123EKFRA Datasheet
1Mb / 8P
   500mA/50V Digital transistor (with built-in resistors)
DTD143ECHZG ROHM-DTD143ECHZG Datasheet
1Mb / 8P
   500mA/50V Digital transistor (with built-in resistors)
DTB113ZCHZG ROHM-DTB113ZCHZG Datasheet
1Mb / 9P
   500mA/-50V Digital transistor (with built-in resistors)
DTB113ECHZG ROHM-DTB113ECHZG Datasheet
1Mb / 9P
   -500mA/-50V Digital transistor (with built-in resistors)
DTD113ZCHZG ROHM-DTD113ZCHZG Datasheet
1Mb / 8P
   500mA/50V Digital transistor (with built-in resistors)
DTD113ZKFRA ROHM-DTD113ZKFRA Datasheet
1Mb / 8P
   500mA/50V Digital transistor (with built-in resistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com