Electronic Components Datasheet Search |
|
C0603C104JAGACTU Datasheet(PDF) 2 Page - Kemet Corporation |
|
C0603C104JAGACTU Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1003_C0G • 4/30/2014 2 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 200 VDC (Commercial Grade) Dimensions – Millimeters (Inches) L B W S T EIA Size Code Metric Size Code L Length W Width T Thickness B Bandwidth S Separation Minimum Mounting Technique 0201 0603 0.60 (.024) ± 0.03 (.001) 0.30 (.012) ± 0.03 (.001) See Table 2 for Thickness 0.15 (.006) ± 0.05 (.002) N/A SolderReflowOnly 0402 1005 1.00 (.040) ± 0.05 (.002) 0.50 (.020) ± 0.05 (.002) 0.30 (.012) ± 0.10 (.004) 0.30 (.012) 0603 1608 1.60 (.063) ± 0.15 (.006) 0.80 (.032) ± 0.15 (.006) 0.35 (.014) ± 0.15 (.006) 0.70 (.028) Solder Wave or SolderReflow 0805 2012 2.00 (.079) ± 0.20 (.008) 1.25 (.049) ± 0.20 (.008) 0.50 (0.02) ± 0.25 (.010) 0.75 (.030) 1206 3216 3.20 (.126) ± 0.20 (.008) 1.60 (.063) ± 0.20 (.008) 0.50 (0.02) ± 0.25 (.010) N/A 1210 3225 3.20 (.126) ± 0.20 (.008) 2.50 (.098) ± 0.20 (.008) 0.50 (0.02) ± 0.25 (.010) SolderReflowOnly 1808 4520 4.70 (.185) ± 0.50 (.020) 2.00 (.079) ± 0.20 (.008) 0.60 (.024) ± 0.35 (.014) 1812 4532 4.50 (.177) ± 0.30 (.012) 3.20 (.126) ± 0.30 (.012) 0.60 (.024) ± 0.35 (.014) 1825 4564 4.50 (.177) ± 0.30 (.012) 6.40 (.252) ± 0.40 (.016) 0.60 (.024) ± 0.35 (.014) 2220 5650 5.70 (.224) ± 0.40 (.016) 5.00 (.197) ± 0.40 (.016) 0.60 (.024) ± 0.35 (.014) 2225 5664 5.60 (.220) ± 0.40 (.016) 6.40 (.248) ± 0.40 (.016) 0.60 (.024) ± 0.35 (.014) Benefits cont'd • Preferred capacitance solution at line frequencies and into the MHz range • No capacitance change with respect to applied rated DC voltage • Negligible capacitance change with respect to temperature from -55°C to +125°C • No capacitance decay with time • Non-polar device, minimizing installation concerns • 100%puremattetin-platedterminationfinishallowingforexcellentsolderability • SnPbplatedterminationfinishoptionavailableuponrequest(5%minimum) Applications Typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, decoupling, bypass, filtering,transientvoltagesuppression,blockingandenergystorage. |
Similar Part No. - C0603C104JAGACTU |
|
Similar Description - C0603C104JAGACTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |