Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPB760T Datasheet(PDF) 2 Page - OPTEK Technologies

Part No. OPB760T
Description  Photologic Reflective Object Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB760T Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB760T Datasheet HTML 1Page - OPTEK Technologies OPB760T Datasheet HTML 2Page - OPTEK Technologies OPB760T Datasheet HTML 3Page - OPTEK Technologies OPB760T Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Types OPB760T, OPB761T, OPB762T, OPB763T
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
11-55
Electrical Characteristics (TA = -40
o C to +70o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP MAX UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
1.8
V
IF = 40 mA, TA = 25
o C
IR
Reverse Current
100
µA
VR = 2 V, TA = 25
o C
Output Photologic
® Sensor
VCC
Operating D.C. Supply Voltage
4.75
5.25
V
ICCL
Low Level Supply Current:
Buffered Totem-Pole Output
Buffered Open-Collector Output
10
mA
VCC = 5.25 V, IF = 0 mA
(6)(7)
Output Open
Inverted Totem-Pole Output
Inverted Open-Collector Output
10
mA
VCC = 5.25 V, IF = 25 mA
(7)
Output Open
ICCH
High Level Supply Current:
Buffered Totem-Pole Output
Buffered Open-Collector Output
10
mA
VCC = 5.25 V, IF = 25 mA
(7)
Output Open
Inverted Totem-Pole Output
Inverted Open-Collector Output
10
mA
VCC = 5.25 V, IF = 0 mA
(6)(7)
Output Open
IOH
High Level Output Voltage:
Buffered Open-Collector Output
100
µA
VCC = 4.75 V, VOH = 30 V
IF = 25 mA, TA = 25
o C
Inverted Open-Collector Output
100
µA
VCC = 4.75 V, VOH = 30 V,
IF = 0 mA, TA = 25
o C
IF(+)
LED Positive-Going Threshold Current
25
mA
VCC = 5 V, TA = 25
o C(8)
IF(+)/IF(-)
Hysteresis
VCC = 5 V
(8)
IOS
Short Circuit Output Current:
Buffered Totem-Pole Output
-15
-100
mA
VCC = 5.25 V, IF = 25 mA
(7)
Output = GND
VOL
Low Level Output Voltage:
Buffered Totem-Pole Output
Buffered Open-Collector Output
0.4
V
VCC = 4.75 V, IOL = 12.8 mA
IF = 0 mA
(6)(7)
Inverted Totem-Pole Output
Inverted Open-Collector Output
0.4
V
VCC = 4.75 V, IOL = 12.8 mA
IF = 25 mA
(6)(7)
VOL
Low Level Output Voltage:
Buffered Totem-Pole Output
Buffered Open-Collector Output
0.4
V
VCC = 4.75 V, IOL = 12.8 mA
IF = 30 mA
(9)
VOH
High Level Output Voltage:
Buffered Totem-Pole Output
2.4
V
VCC = 4.75 V, IOH = -800
µA
IF = 25 mA
(7)
Inverted Totem-Pole Output
2.4
V
VCC = 4.75 V, IOH = -800
µA
IF = 0 mA
(6)(7)
VOH
High Level Output Voltage:
Inverted Totem-Pole Output
Inverted Open-Collector
2.4
V
VCC = 4.75 V, IOH = -800
µA
IF = 30 mA
(9)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
OPB760 Photologic Reflective Object Sensors 1  2  3  4  OPTEK Technologies
OPB607A REFLECTIVE OBJECT SENSORS 1  2  OPTEK Technologies
OPB606A REFLECTIVE OBJECT SENSORS 1  2  OPTEK Technologies
OPB703 REFLECTIVE OBJECT SENSORS 1  2  QT Optoelectronics
OPB707A Reflective Object Sensors 1  2  OPTEK Technologies
OPB7081 Reflective Object Sensors 1  2  3  4  OPTEK Technologies
QRB1113 REFLECTIVE OBJECT SENSORS 1  2  QT Optoelectronics
QRB1133 REFLECTIVE OBJECT SENSORS 1  2  QT Optoelectronics
OPB710 REFLECTIVE OBJECT SENSORS 1  2  OPTEK Technologies
QRC1113 REFLECTIVE OBJECT SENSORS 1  2  QT Optoelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn