Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA301AID Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA301AID
Description  Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA301AID Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA301AID Datasheet HTML 5Page - Burr-Brown (TI) OPA301AID Datasheet HTML 6Page - Burr-Brown (TI) OPA301AID Datasheet HTML 7Page - Burr-Brown (TI) OPA301AID Datasheet HTML 8Page - Burr-Brown (TI) OPA301AID Datasheet HTML 9Page - Burr-Brown (TI) OPA301AID Datasheet HTML 10Page - Burr-Brown (TI) OPA301AID Datasheet HTML 11Page - Burr-Brown (TI) OPA301AID Datasheet HTML 12Page - Burr-Brown (TI) OPA301AID Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
OPA300
OPA301
SBOS271A − MAY 2003 − REVISED DECEMBER 2003
www.ti.com
9
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, V+ = 5V, and RL = 150Ω connected to VS/2 unless otherwise noted.
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (mV)
−5 −4
−3
−2
−10
1
3
4
25
20
18
16
14
12
10
8
6
4
2
0
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/_C)
−10 −8
−6
−4
−20
2
6
8
410
20
15
10
5
0


Similar Part No. - OPA301AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA301AID TI-OPA301AID Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA301AID TI1-OPA301AID Datasheet
1Mb / 27P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA301AIDBVR TI-OPA301AIDBVR Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA301AIDBVR TI1-OPA301AIDBVR Datasheet
1Mb / 27P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA301AIDBVT TI-OPA301AIDBVT Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - OPA301AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2300 TI-OPA2300 Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA725 BURR-BROWN-OPA725 Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA725 TI1-OPA725 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Linear Technology
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
AD8021 AD-AD8021_15 Datasheet
663Kb / 29P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com