Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3793-34A Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # MB3793-34A
Description  Precise detection of power voltage fall: ?깍?2.5%
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3793-34A Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button MB3793-34A Datasheet HTML 12Page - Cypress Semiconductor MB3793-34A Datasheet HTML 13Page - Cypress Semiconductor MB3793-34A Datasheet HTML 14Page - Cypress Semiconductor MB3793-34A Datasheet HTML 15Page - Cypress Semiconductor MB3793-34A Datasheet HTML 16Page - Cypress Semiconductor MB3793-34A Datasheet HTML 17Page - Cypress Semiconductor MB3793-34A Datasheet HTML 18Page - Cypress Semiconductor MB3793-34A Datasheet HTML 19Page - Cypress Semiconductor MB3793-34A Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
MB3793-34A
Document Number: 002-08556 Rev. *A
Page 16 of 26
10. Typical Characteristics
(Continued)
45
40
35
30
25
20
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
MB3793
VINH
VCC
(VINH = 0 V)
Ta = +25 °C
Ta = +85 °C
Ta = -40 °C
0
012
34
56
7
8
9
10
0.1
0.2
0.3
0.4
0.5
0.6
3.2
-20
-40
0
+20 +40 +60 +80 +100 +120
3.3
3.4
3.5
3.6
3.7
VSH
VSL
0
-1
-2-3
-4
-5
-6-7
-8
-9 -10
Ta = +25 °C
Ta = +85 °C
Ta = -40 °C
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
ICC - VCC characteristics
Power voltage VCC (V)
Watchdog timer monitoring
Operating ambient temperature Ta (
C)
Reset output current I RESET (mA)
V RESET - I RESET characteristics
(P-MOS side)
V RESET - I RESET characteristics
(N-MOS side)
Reset output current I RESET(mA)
VSH, VSL - Ta characteristics
fCK= 1 kHz, Duty  10%
VL  0 V/VH  VCC
CTW  0.01 μF, CTP  0.1 μF


Similar Part No. - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3793-34D CYPRESS-MB3793-34D Datasheet
781Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
More results

Similar Description - MB3793-34A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB3793-27A CYPRESS-MB3793-27A Datasheet
610Kb / 30P
   Precise detection of power voltage fall: 2.5%
logo
STMicroelectronics
LIS2DH12 STMICROELECTRONICS-LIS2DH12 Datasheet
1Mb / 53P
   Free-fall detection
May 2017 Rev 6
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
logo
Figaro Engineering Inc.
FECS45-10 FIGARO-FECS45-10 Datasheet
328Kb / 2P
   Detection of Chlorine
TGS826 FIGARO-TGS826 Datasheet
82Kb / 2P
   Detection of Ammonia
TGS2611 FIGARO-TGS2611 Datasheet
278Kb / 2P
   Detection of Methane
logo
NXP Semiconductors
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Figaro Engineering Inc.
FECS42-20 FIGARO-FECS42-20 Datasheet
348Kb / 2P
   Detection of Nitrogen Dioxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com