Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0747574501 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0747574501
Description  QSFP-to-QSFP Cable Assembly, 24 AWG, 5.0m Length
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0747574501 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/28/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0747574501
Status:
Active
Overview:
QSFP+ Interconnect Solution
Description:
QSFP-to-QSFP Cable Assembly, 24 AWG, 5.0m Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification TS-74757-0011-001 (PDF)
Agency Certification
UL
E72548
General
Product Family
Cable Assemblies
Series
74757
Assembly Configuration
Dual Ended Connectors
Connector to Connector
QSFP-to-QSFP
Overview
QSFP+ Interconnect Solution
Product Name
QSFP
UPC
800756775623
Physical
Cable Length
5.0m
Circuits (Loaded)
MSA
Gender
Plug
Lock to Mating Part
Yes
Net Weight
425.913/g
Single Ended
No
Wire Size AWG
24
Wire/Cable Type
Round
Electrical
Impedance
100Ω
Material Info
Reference - Drawing Numbers
Product Specification
TS-74757-0011-001
Sales Drawing
SD-74757-0001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Relevant
REACH SVHC
Not Contained Per -
ED/108/2014 (17 Dec
2014)
Halogen-Free
Status
Not Relevant
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Relevant
ELV
Not Relevant
RoHS Phthalates
Not Reviewed
Search Parts in this Series
74757 Series
Mates With
75586 38 Circuit iPass™ SMT Connector
Use With
74750 , 74768 , 74769 EMI Cage
This document was generated on 12/28/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn