Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

583-G303-J1M1 Datasheet(PDF) 3 Page - ETAL Group

Part No. 583-G303-J1M1
Description  Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETAL [ETAL Group]
Homepage  http://www.etalgroup.com
Logo 

583-G303-J1M1 Datasheet(HTML) 3 Page - ETAL Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High Performance Thermal Circuit Breaker 583-...
www.e-t-a.de
1646
3
1
High Performance Thermal Circuit Breaker 583-...
.098
current rating in A
ø8.4
.331
M12x1
black
white
lock washer
tightening torque max. 4 Nm
8.5
.335
2.5
5
15
15
.197
.591
.591
terminals:
A1, B1, C1 - input
A2, B2, C2 - output
thickness 1.5 - 3 mm
.059 - .118 in.
mounting holes
ø12.5
min. 50
ø3.2+0.15
.126+.006
.492+.008
min. 1.97
45° 12.8 45°
ø10
A2
B2
C2
19.5
max. 6.5
aux. contact
(connector to EN 3155-016 M2018)
22°
9.5
teminal screw ISO 7045-M4x6
with lock washer DIN 137 B4
tightening torque max. 1.2 Nm
.394
.504
location pin
.374
.768
max .256
+0.2
Dimensions 583-G111-K1M1-A1S1UN (VG 95345 T11)
Internal connection diagrams
B1
C1
A2
B2
C2
line A1
B2
C2
A1
B1
C1
3
4
line A2
B1
C1
A2
B2
C2
line A1
3
5
with auxiliary contact
EN 2996-004
with polarized auxiliay contact
EN 2996-005
B1
C1
A2
B2
C2
line A1
11
12
with auxiliary contact
VG 95345 T11
Typical time/current characteristics
-55 °C
-67 °F
+ 23 °C
+ 73.4 °F
+90 °C
+194 °F
… times rated current
12
46 810
20
40
10000
1000
100
10
1
0.1
0.01
0.001
6080100


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn