Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2F-01L3-D3 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D2F-01L3-D3
Description  Incorporating a snapping mechanism made with two highly precise split springs that ensures long durability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2F-01L3-D3 Datasheet(HTML) 5 Page - Omron Electronics LLC

  D2F-01L3-D3 Datasheet HTML 1Page - Omron Electronics LLC D2F-01L3-D3 Datasheet HTML 2Page - Omron Electronics LLC D2F-01L3-D3 Datasheet HTML 3Page - Omron Electronics LLC D2F-01L3-D3 Datasheet HTML 4Page - Omron Electronics LLC D2F-01L3-D3 Datasheet HTML 5Page - Omron Electronics LLC D2F-01L3-D3 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
D2F
Ultra Subminiature Basic Switch
D
2
F
Note 1. Unless otherwise specified, a tolerance of ±0.4 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
Precautions
★Please refer to "Basic Switches Common Precautions" for correct use.
●Soldering
• Terminal connection
When soldering, make sure that the temperature of the
soldering iron tip is not higher than 300°C, and complete the
soldering within 3 seconds. Do not apply any external force for
1 minute after soldering. Soldering at an excessively high
temperature or soldering for more than 3 seconds may
deteriorate the characteristics of the Switch.
• Connecting to PCB terminal Boards
When using automatic soldering baths, we recommend
soldering at 260°C ±5°C within 5 seconds. Make sure that the
liquid surface of the solder does not flow over the edge of the
board.
When soldering terminals manually, perform soldering within 3
seconds at iron tip temperature not higher than 350°C. Do not
apply any external force for at least 1 minute after soldering.
When applying solder, keep the solder away from the case of
the Switch and do not allow solder or flux to flow into the case.
●Mounting
Use M2 mounting screws with plane washers or spring washers
to securely mount the Switch. Tighten the screws to a torque of
0.08 to 0.1 N·m {0.8 to 1 kgf·cm}.
●Using Micro Loads
Using a model for ordinary loads to open or close the contact of
a micro load circuit may result in faulty contact. Use models that
operate in the following range. However, even when using micro
load models within the following operating range, if inrush
current occurs when the contact is opened or closed, it may
increase the contact wear and so decrease durability. Therefore,
insert a contact protection circuit where necessary. The
minimum applicable load is the N-level reference value. This
value indicates the malfunction reference level for the reliability
level of 60% (
λ60).
(JIS C5003)
The equation,
λ60=0.5×10-6/operation, indicates that the
estimated malfunction rate is less than
operations
with a reliability level of 60%.
●Hinge Roller Lever Models
D2F-L2
@
D2F-01L2
@
D2F-FL2
@
D2F-01FL2
@
Operating
Characteristics
Model D2F-L2
@
D2F-01L2
@
D2F-FL2
@
D2F-01FL2
@
Operating Force
OF Max.
Releasing Force
RF Min.
0.78 N {80 gf}
0.05 N {5 gf}
0.39 N {40 gf}
0.02 N {2 gf}
Overtravel
OT Min.
Movement Differential MD Max.
0.55 mm
0.5 mm
0.55 mm
0.5 mm
Free Position
FP Max.
Operating Position
OP
16.5 mm
13±2 mm
(10)
4
12.8
t=0.3 *1
(4.6)
*1. Stainless-steel lever
*2. Polyacetal resin roller
OP
4
FP
4.8 dia.
×2.8 *2
A
Cautions
Correct Use
1
2,000,000
30
24
12
5
0
1
10
100
1,000
Current (mA)
0.1
1 mA
Operating
range for
general-load
models
D2F
16.6 mA
0.16 mA
100 mA
Operating range
for micro load
models
D2F-01


Similar Part No. - D2F-01L3-D3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2F-01L3-D3 OMRON-D2F-01L3-D3 Datasheet
703Kb / 8P
   Snap Action Switch
D2F-01L3-D3 OMRON-D2F-01L3-D3 Datasheet
852Kb / 6P
   Ultra Subminiature Basic Switch with plenty of terminal variations
More results

Similar Description - D2F-01L3-D3

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1942785 PHOENIX-1942785 Datasheet
123Kb / 4P
   Defined contact force ensures that contact remains stable over the long term
logo
Micronas
HAL1002 MICRONAS-HAL1002 Datasheet
400Kb / 29P
   Highly Precise Programmable Hall-Effect Switch
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Rohm
BA9743AFV-E ROHM-BA9743AFV-E Datasheet
4Mb / 17P
   A 2-channel ICs, incorporating a switching regulator controller that uses a pulse width modulation.
logo
Analog Devices
ADSP-2141L AD-ADSP-2141L_15 Datasheet
260Kb / 39P
   highly integrated embedded security processor that incorporates a sophisticated
REV. 0
logo
Broadcom Corporation.
BCM2051 BOARDCOM-BCM2051 Datasheet
35Kb / 2P
   HIGHLY LINEAR RECEIVE PATH ENSURES ROBUST, INTERFERENCE FREE OPERATION
logo
ZF Friedrichshafen AG
E51 ZFSWITCHES-E51 Datasheet
2Mb / 2P
   Long life coil spring mechanism
E61 ZFSWITCHES-E61 Datasheet
771Kb / 3P
   Long life coil spring mechanism
logo
Cherry Semiconductor Co...
E5300T CHERRY-E5300T Datasheet
2Mb / 2P
   Long life coil spring mechanism
logo
NXP Semiconductors
TDA3857 PHILIPS-TDA3857 Datasheet
110Kb / 14P
   Quasi-split sound processor with two FM demodulators
June 1994
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com