Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1808C104F3GACTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1808C104F3GACTU
Description  C0G Dielectric, 10 ??200 VDC (Commercial Grade)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1808C104F3GACTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1808C104F3GACTU Datasheet HTML 2Page - Kemet Corporation C1808C104F3GACTU Datasheet HTML 3Page - Kemet Corporation C1808C104F3GACTU Datasheet HTML 4Page - Kemet Corporation C1808C104F3GACTU Datasheet HTML 5Page - Kemet Corporation C1808C104F3GACTU Datasheet HTML 6Page - Kemet Corporation C1808C104F3GACTU Datasheet HTML 7Page - Kemet Corporation C1808C104F3GACTU Datasheet HTML 8Page - Kemet Corporation C1808C104F3GACTU Datasheet HTML 9Page - Kemet Corporation C1808C104F3GACTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 4/30/2014
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 200 VDC (Commercial Grade)
Table 1B – Capacitance Range/Selection Waterfall (1210 – 2225 Case Sizes)
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91).
These products are protected under US Patents 7,172,985 & 7,670,981, other patents pending, and any foreign counterparts.
Cap
Cap
Code
Case Size/
Series
C1210C
C1808C
C1812C
C1825C
C2220C
C2225C
Voltage Code
8
4
3
5
1
2
A
5
1
2
A
5
1
2
A
5
1
2
A
5
1
2
A
5
1
2
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
1.0 – 9.1 pF*
109 – 919* B C D
FB FB FB FB FB FB
10 – 91 pF*
100 – 910*
F G J K M FB FB FB FB FB FB
100 – 300 pF* 101 – 301*
F G J K M FB FB FB FB FB FB
330 – 430 pF* 331 – 431*
F G J K M FB FB FB FB FB FB
LF LF LF
470 – 910 pF*
471 – 911*
F G J K M FB FB FB FB FB FB
LF LF LF
GB GB GB
1,000 pF
102
F G J K M FB FB FB FB FB FB
LF LF LF
GB GB GB
1,100 pF
112
F G J K M FB FB FB FB FB FB
LF LF LF
GB GB GB
1,200 pF
122
F G J K M FB FB FB FB FB FB
LF LF LF
GB GB GB
1,300 pF
132
F G J K M FB FB FB FB FB FC
LF LF LF
GB GB GB
1,500 pF
152
F G J K M FB FB FB FB FB FE
LF LF LF
GB GB GB
1,600 pF
162
F G J K M FB FB FB FB FB FE
LF LF LF
GB GB GB
1,800 pF
182
F G J K M FB FB FB FB FB FE
LF LF LF
GB GB GB
2,000 pF
202
F G J K M FB FB FB FB FC FE
LF LF LF
GB GB GB
2,200 pF
222
F G J K M FB FB FB FB FC FG
LF LF LF
GB GB GB
2,400 pF
242
F G J K M FB FB FB FB FC FC
LF LF LF
2,700 pF
272
F G J K M FB FB FB FB FC FC
LF LF LF
GB GB GB
3,000 pF
302
F G J K M FB FB FB FB FC FF
LF LF
3,300 pF
332
F G J K M FB FB FB FB FF FF
LF LF
GB GB GB
3,600 pF
362
F G J K M FB FB FB FB FF FF
LF LF
3,900 pF
392
F G J K M FB FB FB FB FF FF
LF LF
GB GB GB
HB HB HB
4,300 pF
432
F G J K M FB FB FB FB FF FF
LF LF
4,700 pF
472
F G J K M FF FF FF FF FG FG
LF LF
GB GB GD
HB HB HB
KE KE KE
5,100 pF
512
F G J K M FB FB FB FB FG FG
KE KE KE
5,600 pF
562
F G J K M FB FB FB FB FG FG
GB GB GH
HB HB HB
KE KE KE
6,200 pF
622
F G J K M FB FB FB FB FG FB FB
KE KE KE
6,800 pF
682
F G J K M FB FB FB FB FG FB FB
GB GB GJ
HB HB HB
JE JE JB JB KE KE KE
7,500 pF
752
F G J K M FC FC FC FC FC FB FB
KE KE KE
8,200 pF
822
F G J K M FC FC FC FC FC FB FB
GB GH GB GB HB HB HB
JE JE JB JB KE KE KE
9,100 pF
912
F G J K M FE FE FE FE FE FB FB
KE KE KE
10,000 pF
103
F G J K M FF FF FF FF FF FB FB
GB GH GB GB HB HB HE
JE JE JB JB KE KE KE
12,000 pF
123
F G J K M FG FG FG FG FB FB FB
GB GG GB GB HB HB HE
JE JE JB JB KE KE KE
15,000 pF
153
F G J K M FG FG FG FG FB FC FC
GB GB GB GB HB HB
JE JE JB JB KE KE KE
18,000 pF
183
F G J K M FB FB FB FB FB FC FC
GB GB GB GB HB HE
JE JE JB JB KE KE
22,000 pF
223
F G J K M FB FB FB FB FB FF FF
GB GB GB GB HB HE
JE JB JB JB KE KE
27,000 pF
273
F G J K M FB FB FB FB FB FG FG
GB GB GB GB HB HG
JE JB JB JB KE KE
33,000 pF
333
F G J K M FB FB FB FB FB FH FH
GB GB GB GB
JB JB JB JB KE
39,000 pF
393
F G J K M FB FB FB FB FE FH FH
GB GB GB GB
JB JB JB JB
47,000 pF
473
F G J K M FB FB FB FB FE FJ FJ
GB GB GD GD
JB JB JB JB
56,000 pF
563
F G J K M FB FB FB FB FF
GB GB GD GD
JB JB JB JB
68,000 pF
683
F G J K M FB FB FB FC FG
GB GB GK GK
JB JB JB JB
82,000 pF
823
F G J K M FC FC FC FF FH
GB GB GM GM
JB JB JB JB
0.10 µF
104
F G J K M FE FE FE FG FM
GB GD GM GM
JB JB JD JD
0.12 µF
124
F G J K M FG FG FG FH
GB GH
JB JB JD JD
0.15 µF
154
F G J K M FH FH FH FM
GD GN
JB JB JG JG
0.18 µF
184
F G J K M FJ FJ FJ
GH
JB JD JG JG
0.22 µF
224
F G J K M FK FK FK
GK
JB JD JL JL
0.27 µF
274
F G J K M
JB JF
0.33 µF
334
F G J K M
JD JG
0.39 µF
394
F G J K M
JG
0.47 µF
474
F G J K M
JG
Cap
Cap
Code
Rated Voltage (VDC)
Voltage Code
8
4
3
5
1
2
A
5
1
2
A
5
1
2
A
5
1
2
A
5
1
2
A
5
1
2
Case Size/
Series
C1210C
C1808C
C1812C
C1825C
C2220C
C2225C


Similar Part No. - C1808C104F3GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1808C104F3GACTU KEMET-C1808C104F3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
More results

Similar Description - C1808C104F3GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C101J1GAC KEMET-C0603C101J1GAC Datasheet
797Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C473K3GACTU KEMET-C0805C473K3GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C519K5GACTU KEMET-C0805C519K5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C101J5GACTU KEMET-C0402C101J5GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
C1206C104J3GACTU KEMET-C1206C104J3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com