Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

455888-9 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 455888-9
Description  Ocean Side-Feed Applicators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

455888-9 Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button 455888-9 Datasheet HTML 2Page - TE Connectivity Ltd 455888-9 Datasheet HTML 3Page - TE Connectivity Ltd 455888-9 Datasheet HTML 4Page - TE Connectivity Ltd 455888-9 Datasheet HTML 5Page - TE Connectivity Ltd 455888-9 Datasheet HTML 6Page - TE Connectivity Ltd 455888-9 Datasheet HTML 7Page - TE Connectivity Ltd 455888-9 Datasheet HTML 8Page - TE Connectivity Ltd 455888-9 Datasheet HTML 9Page - TE Connectivity Ltd 455888-9 Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
408-10389
Rev M2
6 of 19
The servo feed applicator works in conjunction with the AMPOMATOR III servo terminator (or any machine
utilizing the TE precision controller) to form a complete system that allows setup and operation. Information on
the data chip is listed in three separate groups: applicator data, terminal data, and maintenance data.
A significant amount of the data is reference data to aid in machine setup and final crimp inspection.
2.4. Applicator with Non-Servo Feed System
As with the data chip on the servo feed latch plate, optional data chip kit PN 2161326-[ ] also allows storage for
key operating parameters and contains reference data useful in setting up the machine and crimp inspection. It
requires compatible terminating equipment. For complete description of the data chip, refer to 409
–10073.
2.5. Applicator with Non-Adjust Head
With this applicator, all wire crimp height adjustments are made by the machine. When built in the factory, the
applicator's non-adjust head is shimmed so that the applicator will crimp its assigned terminal to the largest
wire crimp height found on the applicator log while the terminating machine is set to normal shut height.
NOTE
If using an applicator with a fine-adjust head on a machine with a self-adjusting wire crimp height feature, always set the
fine-adjust head to the largest wire crimp height called out on the applicator log.
2.6. Applicator with Pacific Head
The Pacific applicator will work only when used with a machine having a ram that falls within the envelope
shown in Figure 7.
Figure 7
3. APPLICATOR INSTALLATION AND REMOVAL
DANGER
To avoid personal injury, make sure that the power and air source to the machine is turned off and power cord/air supply are
disconnected before installing or removing the applicator.
NOTE
Always make sure to remove the ram transportation collar after installing the applicator on a machine and be sure to install the
ram transportation collar back onto the applicator ram just prior to removing the applicator from the machine.
NOTE
With the applicator in the machine, never attempt to cycle machine under power without terminals properly loaded, as
described in Section 4; otherwise, the tooling may be damaged.
DANGER
To avoid personal injury, the applicator should be used only in an appropriate terminating machine. The pressurized air supply
should only be connected after the applicator is properly installed in the terminating machine.
ø20.40 [.803]
Max
ø41.90 [1.650] Max
ø27.70 [1.091] Max
16.70 [.657]
Min
13.50 [.531]
Min
7.99 [.315] Min
4.50 [.177] Max
Note: Dimensions are in millimeters
with inches in brackets.


Similar Part No. - 455888-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
455888-9 TEC-455888-9 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
455888-9 TEC-455888-9 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
455888-9 TEC-455888-9 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
455888-9 TEC-455888-9 Datasheet
4Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
455888-9 TEC-455888-9 Datasheet
5Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
More results

Similar Description - 455888-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-10390 TEC-408-10390 Datasheet
711Kb / 18P
   Ocean side-feed applicators are available with either a mechanical feed, air feed, or servo feed system
logo
Tyco Electronics
466422-2 MACOM-466422-2 Datasheet
28Kb / 1P
   SIDE FEED HDM APPLICATOR
466562-2 MACOM-466562-2 Datasheet
351Kb / 1P
   SIDE FEED HDM APPLICATOR
logo
Molex Electronics Ltd.
638634000 MOLEX-638634000 Datasheet
167Kb / 5P
   63863-4000 Fine Adjust Applicators
01-27-04
logo
3M Electronics
TSA-CMP 3M-TSA-CMP Datasheet
169Kb / 6P
   Film Applicators for Textured Surfaces
March 2008
logo
TE Connectivity Ltd
C-1530177 TEC-C-1530177 Datasheet
1Mb / 2P
   REPLACED BY OCEAN STYLE APPLICATOR PART
C-1528922 TEC-C-1528922 Datasheet
1Mb / 2P
   REPLACED BY OCEAN STYLE APPLICATOR PART
C-2150429 TEC-C-2150429 Datasheet
3Mb / 5P
   REPLACED BY OCEAN STYLE APPLICATOR PART
C-1530032 TEC-C-1530032 Datasheet
1Mb / 2P
   REPLACED BY OCEAN STYLE APPLICATOR PART
logo
3M Electronics
EPX 3M-EPX Datasheet
942Kb / 2P
   3M™ EPX™ Applicators and Nozzles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com