Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF5P20180 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MRF5P20180
Description  RF POWER FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MRF5P20180 Datasheet(HTML) 3 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MRF5P20180R6
MOTOROLA RF DEVICE DATA
Z11, Z12
0.341″ x 0.945″ Microstrip
Z13, Z14
0.035″ x 0.913″ Microstrip
Z15, Z16
0.581″ x 0.823″ Microstrip
Z17, Z18
0.059″ x 1.057″ Microstrip
Z19, Z20
0.081″ x 0.046″ Microstrip
Z21, Z22
0.081″ x 0.126″ Microstrip
Z25
0.081″ x 0.793″ Microstrip
PCB
Taconic TLX8–0300, 0.030″, εr = 2.55
Figure 1. MRF5P20180 Test Circuit Schematic
Z1
0.081″ x 1.126″ Microstrip
Z2
0.079″ x 0.138″ Microstrip
Z3
0.081″ x 0.091″ Microstrip
Z4
0.081″ x 0.117″ Microstrip
Z5, Z24
0.134″ x 0.874″ Microstrip
Z6, Z23
0.081″ x 2.269″ Microstrip
Z7, Z8
0.081″ x 0.118″ Microstrip
Z9, Z10
0.081″ x 0.079″ Microstrip
R1
R2
+
C14
C10
C8
Z13
Z1
Z3
RF
INPUT
C2
Z7
Z9
C3
Z8
Z10
Z12
Z14
Z17
Z18
C6
C12
C17
+
C20
+
C16
VDD
C7
C13
C19
+
C21
+
C18
VDD
C4
Z15
Z19
Z21
C5
Z16
Z20
Z22
Z24
Z25
RF
OUTPUT
DUT
VGG
Z23
Z11
Z4
Z5
Z6
C1
Z2
R3
R4
+
C15
C11
VGG
C9
+
+
Table 1. MRF5P20180 Test Circuit Component Designations and Values
Part
Description
Value, P/N or DWG
Manufacturer
C1
1.8 pF 100B Chip Capacitor
100B1R8BW
ATC
C2, C3, C4, C5, C6, C7
10 pF 100B Chip Capacitors
100B100GW
ATC
C8, C9
6.8 pF 100B Chip Capacitors
100B6R8CW
ATC
C10, C11, C12, C13
10 nF 200B Chip Capacitors
200B103MW
ATC
C14, C15, C16, C17, C18, C19
22 µF, 35 V Tantalum Capacitors
TAJE226M035
AVX
C20, C21
220 µF, 63 V Electrolytic Capacitors
13668221
Philips
R1, R2, R3, R4
10 kW Chip Resistors (1206)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn