Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF5P20180 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MRF5P20180
Description  RF POWER FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MRF5P20180 Datasheet(HTML) 2 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MRF5P20180R6
2
MOTOROLA RF DEVICE DATA
ESD PROTECTION CHARACTERISTICS
Test Conditions
Class
Human Body Model
2 (Minimum)
Machine Model
M3 (Minimum)
Charge Device Model
C7 (Minimum)
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (1)
Zero Gate Voltage Drain Leakage Current
(VDS = 65 Vdc, VGS = 0 Vdc)
IDSS
10
µAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 28 Vdc, VGS = 0)
IDSS
1
µAdc
Gate–Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
1
µAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 200 µAdc)
VGS(th)
2.5
2.7
3.5
Vdc
Gate Quiescent Voltage
(VDS = 28 Vdc, ID = 850 mAdc)
VGS(Q)
3.6
Vdc
Drain–Source On–Voltage
(VGS = 10 Vdc, ID = 2 Adc)
VDS(on)
0.26
0.3
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 2 Adc)
gfs
5
S
DYNAMIC CHARACTERISTICS (1)
Reverse Transfer Capacitance
(VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Crss
1.7
pF
FUNCTIONAL TESTS (In Motorola Test Fixture, 50 ohm system) (2) 2–carrier W–CDMA, 3.84 MHz Channel Bandwidth Carriers, ACPR and
IM3 measured in 3.84 MHz Bandwidth. Peak/Avg. = 8.5 dB @ 0.01% Probability on CCDF.
Common–Source Amplifier Power Gain
(VDD = 28 Vdc, Pout = 38 W Avg., IDQ = 2 x 800 mA,
f1 = 1932.5 MHz, f2 = 1942.5 MHz and f1 = 1977.5 MHz,
f2 = 1987.5 MHz)
Gps
12.5
14
dB
Drain Efficiency
(VDD = 28 Vdc, Pout = 38 W Avg., IDQ = 2 x 800 mA,
f1 = 1932.5 MHz, f2 = 1942.5 MHz and f1 = 1977.5 MHz,
f2 = 1987.5 MHz)
η
23
26
%
Third Order Intermodulation Distortion
(VDD = 28 Vdc, Pout = 38 W Avg., IDQ = 2 x 800 mA,
f1 = 1932.5 MHz, f2 = 1942.5 MHz and f1 = 1977.5 MHz,
f2 = 1987.5 MHz; IM3 measured over 3.84 MHz BW @ f1 –10 MHz
and f2 +10 MHz referenced to carrier channel power.)
IM3
–37.5
–35
dBc
Adjacent Channel Power Ratio
(VDD = 28 Vdc, Pout = 38 W Avg., IDQ = 2 x 800 mA,
f1 = 1932.5 MHz, f2 = 1942.5 MHz and f1 = 1977.5 MHz,
f2 = 1987.5 MHz; ACPR measured over 3.84 MHz BW @ f1 – 5 MHz
and f2 +5 MHz.)
ACPR
–41
–38
dBc
Input Return Loss
(VDD = 28 Vdc, Pout = 38 W Avg., IDQ = 2 x 800 mA,
f1 = 1932.5 MHz, f2 = 1942.5 MHz and f1 = 1977.5 MHz,
f2 = 1987.5 MHz)
IRL
–16
–9
dB
(1) Each side of device measured separately. Part is internally matched both on input and output.
(2) Measurements made with device in push–pull configuration.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn