Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTHS15CIC06 Datasheet(PDF) 7 Page - Visual Communications Company

Part # CTHS15CIC06
Description  Mobile communication devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CTHS15CIC06 Datasheet(HTML) 7 Page - Visual Communications Company

  CTHS15CIC06 Datasheet HTML 1Page - Visual Communications Company CTHS15CIC06 Datasheet HTML 2Page - Visual Communications Company CTHS15CIC06 Datasheet HTML 3Page - Visual Communications Company CTHS15CIC06 Datasheet HTML 4Page - Visual Communications Company CTHS15CIC06 Datasheet HTML 5Page - Visual Communications Company CTHS15CIC06 Datasheet HTML 6Page - Visual Communications Company CTHS15CIC06 Datasheet HTML 7Page - Visual Communications Company CTHS15CIC06 Datasheet HTML 8Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
the first call for illuminated components
www.vcclite.com
1.800.522.5546
01/17 Rev 2
Product Specifications
1. Wave Soldering Profile
Distance: 1.6mm min (From Seating Plane)
Item
Condition
Note
Preheat
Temperature T1
80 – 120 °C PWB Temperature
(Soldering Side Surface)
Time t1
60 – 180sec
Solder Dip
Temperature T2
230 – 260°C Bath Temperature
Time t2
2 – 4 sec
Solder Tank Passage Time
2. Hand Soldering (Iron Condition)
Soldering Iron: 30W Max
Temperature 350°C Max
Soldering Time: 3 Seconds Max (One Time)
Distance: 1.6mm min (From Seating Plane)
SOLDERING CONDITIONS
T2
Temp(
°C )
Time(sec)
T1
t1
t2
Preheat
Solder dip
25
_ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _
_ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _


Similar Part No. - CTHS15CIC06

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CTHS15CIC06 VCC-CTHS15CIC06 Datasheet
592Kb / 8P
   Capacitive Touch Sensor Display 15.0 x 15.0 x 11.0 mm
More results

Similar Description - CTHS15CIC06

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1F77330B0A EPSON-S1F77330B0A Datasheet
199Kb / 8P
   Mobile communication equipment (mobile phones, cordless phones, and wireless communication devices)
logo
Oscilent Corporation
803-IF360.0M-B OSCILENT-803-IF360.0M-B Datasheet
171Kb / 3P
   Mobile Communication
809-IF85.38M-B OSCILENT-809-IF85.38M-B Datasheet
167Kb / 2P
   Mobile Communication
811-IF85.38M-A OSCILENT-811-IF85.38M-A Datasheet
140Kb / 2P
   Mobile Communication
809-IF38.912M-C OSCILENT-809-IF38.912M-C Datasheet
238Kb / 2P
   Mobile Communication
807-IF350.0M-B OSCILENT-807-IF350.0M-B Datasheet
238Kb / 2P
   Mobile Communication
807-IF456.0M-A OSCILENT-807-IF456.0M-A Datasheet
273Kb / 2P
   Mobile Communication
805-IF360.0M-A OSCILENT-805-IF360.0M-A Datasheet
166Kb / 3P
   Mobile Communication
807-IF183.6M-A OSCILENT-807-IF183.6M-A Datasheet
241Kb / 2P
   Mobile Communication
807-IF246.0M-B OSCILENT-807-IF246.0M-B Datasheet
242Kb / 3P
   Mobile Communication
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com