Electronic Components Datasheet Search |
|
408-10389 Datasheet(PDF) 6 Page - TE Connectivity Ltd |
|
408-10389 Datasheet(HTML) 6 Page - TE Connectivity Ltd |
6 / 19 page 408-10389 Rev M2 6 of 19 The servo feed applicator works in conjunction with the AMPOMATOR III servo terminator (or any machine utilizing the TE precision controller) to form a complete system that allows setup and operation. Information on the data chip is listed in three separate groups: applicator data, terminal data, and maintenance data. A significant amount of the data is reference data to aid in machine setup and final crimp inspection. 2.4. Applicator with Non-Servo Feed System As with the data chip on the servo feed latch plate, optional data chip kit PN 2161326-[ ] also allows storage for key operating parameters and contains reference data useful in setting up the machine and crimp inspection. It requires compatible terminating equipment. For complete description of the data chip, refer to 409 –10073. 2.5. Applicator with Non-Adjust Head With this applicator, all wire crimp height adjustments are made by the machine. When built in the factory, the applicator's non-adjust head is shimmed so that the applicator will crimp its assigned terminal to the largest wire crimp height found on the applicator log while the terminating machine is set to normal shut height. NOTE If using an applicator with a fine-adjust head on a machine with a self-adjusting wire crimp height feature, always set the fine-adjust head to the largest wire crimp height called out on the applicator log. 2.6. Applicator with Pacific Head The Pacific applicator will work only when used with a machine having a ram that falls within the envelope shown in Figure 7. Figure 7 3. APPLICATOR INSTALLATION AND REMOVAL DANGER To avoid personal injury, make sure that the power and air source to the machine is turned off and power cord/air supply are disconnected before installing or removing the applicator. NOTE Always make sure to remove the ram transportation collar after installing the applicator on a machine and be sure to install the ram transportation collar back onto the applicator ram just prior to removing the applicator from the machine. NOTE With the applicator in the machine, never attempt to cycle machine under power without terminals properly loaded, as described in Section 4; otherwise, the tooling may be damaged. DANGER To avoid personal injury, the applicator should be used only in an appropriate terminating machine. The pressurized air supply should only be connected after the applicator is properly installed in the terminating machine. ø20.40 [.803] Max ø41.90 [1.650] Max ø27.70 [1.091] Max 16.70 [.657] Min 13.50 [.531] Min 7.99 [.315] Min 4.50 [.177] Max Note: Dimensions are in millimeters with inches in brackets. |
Similar Part No. - 408-10389 |
|
Similar Description - 408-10389 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |