Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB153 Datasheet(PDF) 3 Page - DIYI Electronic Technology Co., Ltd.

Part # DB153
Description  SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DB153 Datasheet(HTML) 3 Page - DIYI Electronic Technology Co., Ltd.

  DB153 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DB153 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DB153 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DB151 THRU DB157
Important Notice and Disclaimer
version:02
3 of 3
www.dyelec.com
e in
a
e in
permission
Reproducing and modifying information of the document is prohibited without
from DIYI.
DIYI reserves the right to make changes to this document and its products and
specifications at any time without notice. Customers should obtain and confirm the
latest product information and specifications before final design, purchase or use.
DIYI disclaims any and all liability arising out of the application oruse of
any product including damages incidentally and consequentially occurred.
DIYI does not assume any and all implied warranties, including warranties of fitness for
particular purpose, non-infringement and merch ntability.
Applications shown on the her document are examples of standard use and
operation. Customers are responsible in comprehending the suitable use in particular
applications.
DIYI makes no representation or warranty that such applications will be suitable for the
specified use without further testing or modification.
The products shown her are not designed and authorized for equipmentsrequiring high
level of reliability or relating to human life and for any applications concerning life-saving
or life-sustaining, such as medical instruments, transportation equipment, aerospace
machinery et cetera. Customers using or selling these products for use in such applications
do so at their own ris k andagree to fully indemnify DIYI for any damages resulting from such
improper use or sale.
Since DIYI uses lot number as the tracking base, please provide the lot number for tracking
when complaining.


Similar Part No. - DB153

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB153 HY-DB153 Datasheet
352Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Rectron Semiconductor
DB153 RECTRON-DB153 Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Rugao Dachang Electroni...
DB153 DACHANG-DB153 Datasheet
131Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
logo
SUNMATE electronic Co.,...
DB153 SUNMATE-DB153 Datasheet
293Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB153 YFWDIODE-DB153 Datasheet
436Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DB153

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
EDB151S DYELEC-EDB151S Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB151S DYELEC-UDB151S_17 Datasheet
3Mb / 3P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB151 DYELEC-DB151 Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB151S DYELEC-RDB151S_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB151 DYELEC-UDB151_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB151S DYELEC-DB151S Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB151S DYELEC-DB151S_16 Datasheet
2Mb / 3P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS151 DYELEC-ABS151 Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABF152 DYELEC-ABF152 Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB151S DYELEC-UDB151S Datasheet
748Kb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com