Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6300T5 Datasheet(PDF) 4 Page - Visual Communications Company

Part # 6300T5
Description  Surface mount device
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

6300T5 Datasheet(HTML) 4 Page - Visual Communications Company

  6300T5 Datasheet HTML 1Page - Visual Communications Company 6300T5 Datasheet HTML 2Page - Visual Communications Company 6300T5 Datasheet HTML 3Page - Visual Communications Company 6300T5 Datasheet HTML 4Page - Visual Communications Company 6300T5 Datasheet HTML 5Page - Visual Communications Company 6300T5 Datasheet HTML 6Page - Visual Communications Company 6300T5 Datasheet HTML 7Page - Visual Communications Company 6300T5 Datasheet HTML 8Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
*Data shown is a simulation trend with extrapolation from the actual result of 1000h testing. The inferential time may change with
prolonged life time test. Samples should be tested from 1000h to 6000h if more accurate data is required.
4
the first call for illuminated components
www.vcclite.com
1.800.522.5546
09/16 Rev 1
Product Specifications
wavelength
λ (nm)
Relative Intensity vs. Wavelength
20
16
12
8
4
0
Forward Voltage(V)
Forward Current vs. Forward Voltage
2.5
2.0
1.5
1.0
0.5
0
1.5
1.7 1.9
2.1
2.3 2.5
0
4
8
12
16
20
IF - Forward Current (mA)
Luminous Intensity vs. Forward Current
Ambient Temperature TA (°C)
Forward Current vs. Derating Curve
Ambient Temperature TA (°C)
Luminous Intensity vs. Ambient Temperature
50
40
30
20
10
0
2.5
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100
-40 -20
0
20
40
60
80
LED Lifetime Estimation
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
120%
0
0
0
0
0
1
0
0
0
0
1
0
0
0
1
0
0
1
Time (h)
Red
Test Conditions : IF=10mA Ta=25°C RH<75%RH


Similar Part No. - 6300T5

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
6300TBA NHP-6300TBA Datasheet
358Kb / 1P
   ASEM 6300 THINCLIENT ATOM 4GB RAM NO SSD ONE 4K DISP
8 June 2023,
logo
ebm-papst
6300TD EBMPAPST-6300TD Datasheet
704Kb / 3P
   DC axial fans
6300TD EBMPAPST-6300TD Datasheet
430Kb / 3P
   DC axial fans
6300TD EBMPAPST-6300TD Datasheet
505Kb / 3P
   DC axial fans
6300TD EBMPAPST-6300TD Datasheet
426Kb / 3P
   DC diagonal fans
More results

Similar Description - 6300T5

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_16 Datasheet
102Kb / 5P
   Surface Mount Device
AP2333EN-HF A-POWER-AP2333EN-HF_14 Datasheet
58Kb / 4P
   Surface Mount Device
AP2338GN-HF A-POWER-AP2338GN-HF_14 Datasheet
101Kb / 4P
   Surface Mount Device
AP2313GN A-POWER-AP2313GN_16 Datasheet
64Kb / 5P
   Surface Mount Device
AP2305GN A-POWER-AP2305GN_16 Datasheet
101Kb / 5P
   Surface Mount Device
AP2305BGN A-POWER-AP2305BGN_16 Datasheet
101Kb / 5P
   Surface Mount Device
AP2325GEN A-POWER-AP2325GEN_16 Datasheet
66Kb / 5P
   Surface Mount Device
AP3P080N A-POWER-AP3P080N Datasheet
110Kb / 6P
   Surface Mount Device
AP2P052N A-POWER-AP2P052N Datasheet
74Kb / 6P
   Surface Mount Device
logo
HB Electronic Component...
0603KRCT HB-0603KRCT Datasheet
745Kb / 10P
   SURFACE MOUNT DEVICE LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com