Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9510-G113-J1F0-B Datasheet(PDF) 2 Page - ETAL Group

Part # 9510-G113-J1F0-B
Description  Utility vehicles for hazardous goods
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

9510-G113-J1F0-B Datasheet(HTML) 2 Page - ETAL Group

  9510-G113-J1F0-B Datasheet HTML 1Page - ETAL Group 9510-G113-J1F0-B Datasheet HTML 2Page - ETAL Group 9510-G113-J1F0-B Datasheet HTML 3Page - ETAL Group 9510-G113-J1F0-B Datasheet HTML 4Page - ETAL Group 9510-G113-J1F0-B Datasheet HTML 5Page - ETAL Group 9510-G113-J1F0-B Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Battery Master Switch BMS01
www.e-t-a.de
1615
2
2
M5
182
200
5
M 10
61.6
M 10
Notes:
1) CTRL Pin 1 has to be connected to battery minus.
2) Observe instructions for installation!.
female connector
(not supplied
with product)
tightening torque max. 10 Nm
4 rubber caps (supplied with product)
mounting holes
snap-on cover
7.16
7.87
2.42
7-pole
connector
auxiliary
to DIN 72585
4-pole
connector
control
to DIN 72585
bicoloured
status LED
Ø .346 max.
Ø 8.8 max.
cylinder head screw
M5 DIN 912 / ISO 4762
tightening torque max. 3 Nm
supplied with product
AUX
CTRL
Status
BATT – LOAD –
BATT + LOAD +
BMS01
Tmax = 10 Nm
Ex ib
GERMANY
Dimensions
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Signalisation by bicoloured LED
Signalisation by bicoloured LED
red and green LED
via control switch
- Main contact closed “ON“
status LED flashes green (100 ms on; 900 ms off)
- Main contact open “OFF“
status LED flashes red (100 ms on; 900 ms off)
Low voltage detected
- Main contact closed
status LED flashes green / red (900 ms green; 100 ms red)
- Main contact open due to low voltage
status LED red permanently on
Main contact monitoring
- Main contact does not follow control switch
“error”
status LED flashes red / green (500 ms red; 500 ms green)


Similar Part No. - 9510-G113-J1F0-B

ManufacturerPart #DatasheetDescription
logo
ETAL Group
9510-G113-J1F0 ETAL-9510-G113-J1F0 Datasheet
180Kb / 4P
   Simulators.
More results

Similar Description - 9510-G113-J1F0-B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDCLMS1.PC OSRAM-KWDCLMS1.PC Datasheet
1Mb / 25P
   White Goods Lighting
logo
CSB Battery Co., Ltd.
EVX12650 CSB-BATTERY-EVX12650 Datasheet
531Kb / 2P
   designed specially for electric vehicles
EVX12520 CSB-BATTERY-EVX12520_16 Datasheet
827Kb / 2P
   Designed specially for electric vehicles
EVX12650 CSB-BATTERY-EVX12650_16 Datasheet
799Kb / 2P
   Designed specially for electric vehicles
EVX12750 CSB-BATTERY-EVX12750_16 Datasheet
822Kb / 2P
   Designed specially for electric vehicles
EVX121000 CSB-BATTERY-EVX121000 Datasheet
533Kb / 2P
   designed specially for electric vehicles
EVH12140 CSB-BATTERY-EVH12140 Datasheet
535Kb / 2P
   designed specially for electric vehicles
EVH12390 CSB-BATTERY-EVH12390 Datasheet
534Kb / 2P
   designed specially for electric vehicles
EVX12120 CSB-BATTERY-EVX12120 Datasheet
509Kb / 2P
   designed specially for electric vehicles
EVX12340 CSB-BATTERY-EVX12340 Datasheet
518Kb / 2P
   designed specially for electric vehicles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com