Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASTMD395 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ASTMD395
Description  Techsil Conductive Elastomer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASTMD395 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ASTMD395 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Techsil Conductive Elastomer LTE-95
Performance of conductive elastomers vary from one application to another. Leader Tech, Inc. cannot guarantee that the above specifications will be met in your specific
application. If you need assistance in testing your application, please do not hesitate to contact Leader Tech for further information.
Global EMI Shielding Technology Center
12420 Race Track Rd., Tampa, Florida 33626
866.TECH.EMI (866.832.4364) t 813.855.6921 f 813.855.3291
www.LeaderTechInc.com
Copyright© Leader Tech, Inc. 2013
A passion in all we
do
The Leading Edge in EMI Shielding Technology
TDS062813-LTE95
Technical Data Sheet
LTE-95 is a Shore A 70 durometer hardness ethylene propylene diene monomer (EPDM) elastomer filled with silver
plated nickel particles as the conductive and shielding media. This material has good shielding properties, conductivity
and EMP resistance, and is recommended for applications exposed to NBC (Nuclear Biological Chemical) wash-downs
with DS-2 and STB. LTE-95 has good sealing properties and is also resistant to steam due to its highly impermeable
elastomer base. LTE-95 has a shelf life of 5-10 years if stored in the absence of moisture, light and sulfur. LTE-95
exhibits good performance in non-corrosive environments and has high physical strength and abrasion resistance.
This material can be supplied as molded parts, die cut parts, select extruded profiles, or as standard sheet stock.
Please contact Leader Tech for additional information regarding your specific application.
Technical Data Sheet
Techsil Conductive Elastomer
LTE-95
The Leading Edge in EMI ShieldingTechnology
Elastomer:
EPDM
Filler Material:
Silver Plated Nickel
Color:
Tan
(Custom colors available upon request)
Electrical Properties
Test Method
After Heat Aging (ohm-cm)
Max.
.025
MIL-DTL-83528
(Para. 4.5.15)
After Break
(ohm-cm)
Max.
N/A
MIL-DTL-83528
(Para. 4.5.9)
During Vibration (ohm-cm)
Max.
.020
MIL-DTL-83528
(Para. 4.5.13)
After Vibration
(ohm-cm)
.010
After Exposure to EMP (ohm-cm)
(0.9 KAmp/inch of Perimeter)
Max.
.015
MIL-DTL-83528
(Para. 4.5.16)
Volume Resistivity (ohm-cm)
(as received)
Max.
.010
MIL-DTL-83528
(Para. 4.5.10)
Shielding Effectiveness (db)
Typical
MIL-DTL-83528
(Para. 4.5.12)
MIL-STD-285
20 MHz
90
100 MHz
110
600 MHz
100
2 GHz
100
10 GHz
100
Electrical Stability
Specific Gravity
(+/-0.25)
4.0
ASTM D792
(MIL Para. 4.5.3)
Hardness
(Shore A)
(+/-7)
70
ASTM D2240
(MIL Para. 4.5.4)
Tensile Strength
(PSI)
Min.
250
ASTM D412
(MIL Para. 4.5.6)
Elongation
(%)
Min.
70
ASTM D412
(MIL Para. 4.5.6)
Max.
400
Tear Strength
(PPI)
Min.
40
ASTM D624
(MIL Para. 4.5.8)
Compression Set
(%)
Max.
40
ASTM D395
(MIL Para. 4.5.7)
Upper Operating Temp.
(
0C)
Max.
+125
Maximum Continuous Use Temperature
Lower Operating Temp
(
0C)
Min.
-40
ASTM D1329
(MIL Para. 4.5.14)
Compression Deflection
(%)
Min.
3.0
ASTM D575
(MIL Para. 4.5.5)
Fluid Immersion
NS
MIL-DTL-83528
(Para. 4.5.17)
LTE-95 is a Shore A 70 durometer hardness ethylene propylene diene monomer (EPDM) elastomer filled with silver
plated nickel particles as the conductive and shielding media. This material has good shielding properties, conductivity
and EMP resistance, and is recommended for applications exposed to NBC (Nuclear Biological Chemical) wash-downs
with DS-2 and STB. LTE-95 has good sealing properties and is also resistant to steam due to its highly impermeable
elastomer base. LTE-95 has a shelf life of 5-10 years if stored in the absence of moisture, light and sulfur. LTE- 95
exhibits good performance in non-corrosive environments and has high physical strength and abrasion resistance. This
material can be supplied as molded parts, die cut parts, select extruded profiles, or as standard sheet stock. Please contact
Leader Tech for additional information regarding your specific application.
Physical Properties
TDS062813‐LTE95 
SUR=Survivable   NS=Not Survivable
 
Performance of conduc�ve elastomers varies from one applica�on to another. Leader Tech, Inc. cannot guarantee that the above 
specica�ons will be met in your applica�on. If you need assistance in tes�ng your applica�on, please do not hesitate to contact 
Leader Tech for further informa�on.
.100
3.5
80
200
100
65


Similar Part No. - ASTMD395

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASTMD395 ETC2-ASTMD395 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
ASTMD395 ETC2-ASTMD395 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
ASTMD395 ETC2-ASTMD395 Datasheet
372Kb / 1P
   Techsil Conductive Elastomer
ASTMD395 ETC2-ASTMD395 Datasheet
516Kb / 1P
   Techsil Conductive Elastomer
ASTMD395 ETC2-ASTMD395 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
More results

Similar Description - ASTMD395

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTE-45 ETC2-LTE-45 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-15 ETC2-LTE-15 Datasheet
515Kb / 1P
   Techsil Conductive Elastomer
LTE-65 ETC2-LTE-65 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-80 ETC2-LTE-80 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-75 ETC2-LTE-75 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-40-45D ETC2-LTE-40-45D Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-40 ETC2-LTE-40 Datasheet
516Kb / 1P
   Techsil Conductive Elastomer
LTE-20 ETC2-LTE-20 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-90 ETC2-LTE-90 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-85 ETC2-LTE-85 Datasheet
372Kb / 1P
   Techsil Conductive Elastomer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com