Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTE-80 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LTE-80
Description  Techsil Conductive Elastomer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LTE-80 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LTE-80 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Techsil Conductive Elastomer LTE-80
Performance of conductive elastomers vary from one application to another. Leader Tech, Inc. cannot guarantee that the above specifications will be met in your specific
application. If you need assistance in testing your application, please do not hesitate to contact Leader Tech for further information.
Global EMI Shielding Technology Center
12420 Race Track Rd., Tampa, Florida 33626
866.TECH.EMI (866.832.4364) t 813.855.6921 f 813.855.3291
www.LeaderTechInc.com
Copyright© Leader Tech, Inc. 2013
LTE-80 is a Shore A 75 durometer hardness fluorosilicone elastomer filled with silver plated nickel particles as the
conductive and shielding media. This material has excellent shielding properties and conductivity and is tested IAW
MIL-DTL-83528. LTE-80 has excellent sealing properties at temperature extremes, is ozone resistant and has a long
shelf life if stored in the absence of moisture, light and sulfur. LTE-80 is an excellent choice for military applications
in non-corrosive environments requiring a high level of EMP resistance. This unique material is recommended for
applications that require low and high temperature performance in contact with jet and automotive fuels, many
solvents and engine oils. This material can be supplied as molded parts, die cut parts, extruded profiles, or as
standard sheet stock. Please contact Leader Tech for additional information regarding your specific application.
A passion in all we
do
The Leading Edge in EMI Shielding Technology
TDS062813-LTE80
Technical Data Sheet
Technical Data Sheet
Techsil Conductive Elastomer
LTE-80
The Leading Edge in EMI ShieldingTechnology
Elastomer:
Fluorosilicone
Filler Material:
Silver Plated Nickel
Color:
Tan (Custom colors available upon request)
Electrical Properties
Test Method
After Heat Aging (ohm-cm)
Max.
.015
MIL-DTL-83528
(Para. 4.5.15)
After Break
(ohm-cm)
Max.
N/A
MIL-DTL-83528
(Para. 4.5.9)
During Vibration (ohm-cm)
Max.
.015
MIL-DTL-83528
(Para. 4.5.13)
After Vibration (ohm-cm)
.006
After Exposure to EMP (ohm-cm)
(0.9 KAmp/inch of Perimeter)
Max.
.010
MIL-DTL-83528
(Para. 4.5.16)
Volume Resistivity (ohm-cm)
(as received)
Max.
.006
MIL-DTL-83528 (Para. 4.5.10)
Shielding Effectiveness (db)
Typical
MIL-DTL-83528 (Para. 4.5.12)
MIL-STD-285
20 MHz
80
100 MHz
110
600 MHz
110
2 GHz
105
10 GHz
100
Electrical Stability
Specific Gravity
(+/-0.25)
4.1
ASTM D792
(MIL Para. 4.5.3)
Hardness (Shore A)
(+/-7)
75
ASTM D2240
(MIL Para. 4.5.4)
Tensile Strength
(PSI)
Min.
300
ASTM D412
(MIL Para. 4.5.6)
Elongation
(%)
Min.
70
ASTM D412
(MIL Para. 4.5.6)
Max.
300
Tear Strength
(PPI)
Min.
45
ASTM D624
(MIL Para. 4.5.8)
Compression Set
(%)
Max.
40
ASTM D395
(MIL Para. 4.5.7)
Upper Operating Temp. (0C)
Max.
+125
Maximum Continuous Use Temperature
Lower Operating Temp
(0C)
Min.
-55
ASTM D1329
(MIL Para. 4.5.14)
Compression Deflection (%)
Min.
3.5
ASTM D575
(MIL Para. 4.5.5)
Fluid Immersion
SUR
MIL-DTL-83528 (Para. 4.5.17)
LTE-80 is a Shore A 75 durometer hardness fluorosilicone elastomer filled with silver plated nickel particles as the
conductive and shielding media. This material has excellent shielding properties and conductivity and is tested IAW
MIL-DTL-83528. LTE-80 has excellent sealing properties at temperature extremes, is ozone resistant and has a long
shelf life if stored in the absence of moisture, light and sulfur. LTE-80 is an excellent choice for military applications
in non-corrosive environments requiring a high level of EMP resistance. This unique material is recommended for
applications that require low and high temperature performance in contact with jet and automotive fuels, many solvents
and engine oils. This material can be supplied as molded parts, die cut parts, extruded profiles, or as standard sheet
stock. Please contact Leader Tech for additional information regarding your specific application.
Physical Properties
TDS062813‐LTE80 
SUR=Survivable   NS=Not Survivable
 
Performance of conduc�ve elastomers varies from one applica�on to another. Leader Tech, Inc. cannot guarantee that the above 
specica�ons will be met in your applica�on. If you need assistance in tes�ng your applica�on, please do not hesitate to contact 
Leader Tech for further informa�on.


Similar Part No. - LTE-80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTE-85 ETC2-LTE-85 Datasheet
372Kb / 1P
   Techsil Conductive Elastomer
More results

Similar Description - LTE-80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTE-45 ETC2-LTE-45 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-95 ETC2-LTE-95 Datasheet
373Kb / 1P
   Techsil Conductive Elastomer
LTE-15 ETC2-LTE-15 Datasheet
515Kb / 1P
   Techsil Conductive Elastomer
LTE-65 ETC2-LTE-65 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-75 ETC2-LTE-75 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-40-45D ETC2-LTE-40-45D Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-40 ETC2-LTE-40 Datasheet
516Kb / 1P
   Techsil Conductive Elastomer
LTE-20 ETC2-LTE-20 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-90 ETC2-LTE-90 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-85 ETC2-LTE-85 Datasheet
372Kb / 1P
   Techsil Conductive Elastomer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com