Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9510-G112-J1F0 Datasheet(PDF) 2 Page - ETAL Group

Part # 9510-G112-J1F0
Description  Simulators.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

9510-G112-J1F0 Datasheet(HTML) 2 Page - ETAL Group

  9510-G112-J1F0 Datasheet HTML 1Page - ETAL Group 9510-G112-J1F0 Datasheet HTML 2Page - ETAL Group 9510-G112-J1F0 Datasheet HTML 3Page - ETAL Group 9510-G112-J1F0 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Simulator switch, magnetic operation 9510-...
www.e-t-a.de
1646
2
1
2
-
line I
+
internal circuit R 2
Dimensions
Other main terminal designs
Internal connection diagram
15
45°
2
tightening torque max. 3.5 Nm
M12x1 or
7/16-32UN-2A THD
I LINE
terminal screw
6-32UNC-2A x 4.8/.189
(MS 51957-25)
with lock washer (MS 35338-136)
plug-in terminals
tightening torque:
max. 0.8 Nm factory mounted
max. 0.4 Nm mounted by customer
ø10
black or
green
white
hex nut
lock washer
ø8.4
8
mounting holes
ø3.2+0.15
thickness 1.5 - 3 mm
.059 - .118 in.
SW14
(M12x1
)
SW12.7(7/16-32)
9.5
locating pin
current rating in A
19.5
.591
.315
.331
.394
.374
.768
.126+.006
9510-G…-J1..-B2....
15
45°
.591
8
.315
.248
17
blade terminal
DIN 46244-A6.3-0.8 (QC .250)
plug-in terminals
.669
-P1…
6.3
-J3…
1.2
12.7
wire wrap pin 1.2 x 1.2 /.047 x .047
EN 60352-1
plug-in/pull-out terminal
module (max. 10 times)
.500
.047
-W4…
terminal screw
6-32UNC-2A x 4.8/.189
(MS 51957-25)
with lock washer
(MS 35338-136)
plug-in/pull-out terminal
module (max. 10 times)
tightening torque max. 1 Nm
10
.394
10
.394
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - 9510-G112-J1F0

ManufacturerPart #DatasheetDescription
logo
ETAL Group
9510-G112-J1F0-B ETAL-9510-G112-J1F0-B Datasheet
733Kb / 6P
   Utility vehicles for hazardous goods
9510-G112-J1F0-Z ETAL-9510-G112-J1F0-Z Datasheet
733Kb / 6P
   Utility vehicles for hazardous goods
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com