Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESX10-TC-114-DC12V-3A-E Datasheet(PDF) 7 Page - ETAL Group

Part # ESX10-TC-114-DC12V-3A-E
Description  Selective load protection, electronic trip characteristics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESX10-TC-114-DC12V-3A-E Datasheet(HTML) 7 Page - ETAL Group

  ESX10-TC-114-DC12V-3A-E Datasheet HTML 1Page - ETAL Group ESX10-TC-114-DC12V-3A-E Datasheet HTML 2Page - ETAL Group ESX10-TC-114-DC12V-3A-E Datasheet HTML 3Page - ETAL Group ESX10-TC-114-DC12V-3A-E Datasheet HTML 4Page - ETAL Group ESX10-TC-114-DC12V-3A-E Datasheet HTML 5Page - ETAL Group ESX10-TC-114-DC12V-3A-E Datasheet HTML 6Page - ETAL Group ESX10-TC-114-DC12V-3A-E Datasheet HTML 7Page - ETAL Group ESX10-TC-114-DC12V-3A-E Datasheet HTML 8Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.e-t-a.de
ESX10-T.-DC 12 V- Accessories / Installation guidelines and safety instructions
1642
7
4
Electronic Circuit Protector ESX10-T.-DC 12 V / Installation guidelines and safety instructions
Description
Accessories
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications without
notice is reserved. Product markings may not be exactly as the ordering codes. Errors and
omissions excepted.
Busbars for LINE+ and 0 V
max. load with one line entry
Imax
50 A
(recommended: centre line entry)
max. load with two line entries
Imax
63 A
grey insulation, length: 500 mm
X 222 611 02
Busbars for LINE+ and 0 V
grey insulation
max. number of plug-on operations 10:
X 222 611 34, (3-unit-block ESX10-T), length: 34.5 mm
X 222 611 47, (4-unit-block ESX10-T), length: 47 mm
X 222 611 59, (5-unit-block ESX10-T), length: 59.5 mm
packing unit: 10 pcs
X 222 611 97, (8-unit-block ESX10-T), length: 97 mm
X 222 611 12, (10-unit-block ESX10-T), length: 122 mm
packing unit: 4 pcs
The ESX10-T features an integral power distribution system. The
following wiring modes are possible with various pluggable current
busbars:
l
LINE +DC 12 V
l
0 V
Caution: The electronic devices ESX10-T require a 0 V connection
Connector bus link –K10
suitable for auxiliary contacts (series connection)
X 210 589 02 (1.5 mm2, brown),
50 pin lugs to
DIN 46230
tinned copper
ø2.5
.099
Supply module for LINE+ and 0 V
suitable for ESX10-T... versions
ampacity
Imax
50 A
AD-TX-EM01
LINE+
1
0V
3
AD-TX-
EM01


Similar Part No. - ESX10-TC-114-DC12V-3A-E

ManufacturerPart #DatasheetDescription
logo
ETAL Group
ESX10-TA-100DC24V-0.5A-E ETAL-ESX10-TA-100DC24V-0.5A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-TA-100DC24V-1A-E ETAL-ESX10-TA-100DC24V-1A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-TA-100DC24V-2A-E ETAL-ESX10-TA-100DC24V-2A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-TA-100DC24V-3A-E ETAL-ESX10-TA-100DC24V-3A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-TA-100DC24V-6A-E ETAL-ESX10-TA-100DC24V-6A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
More results

Similar Description - ESX10-TC-114-DC12V-3A-E

ManufacturerPart #DatasheetDescription
logo
ETAL Group
ESX10 ETAL-ESX10 Datasheet
1Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TD ETAL-ESX10-TD Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-S ETAL-ESX10-S Datasheet
303Kb / 6P
   Selective load protection, electronic trip curve
logo
Altech corporation
3DU5 ALTECH-3DU5 Datasheet
153Kb / 3P
   D-TRIP CHARACTERISTICS
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403_V01 Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403 TERIDIAN-71M6403 Datasheet
594Kb / 75P
   Electronic Trip Unit
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
   DC Electronic Load
logo
Keysight Technologies
BENCHVUEELA KEYSIGHT-BENCHVUEELA Datasheet
1Mb / 5P
   BenchVue Electronic Load App
logo
ITECH ELECTRONIC CO.,LT...
IT8518 ITECH-IT8518 Datasheet
1,011Kb / 44P
   Programmable DC Electronic Load
ReservedVer2,0/Jan, 2010
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com