Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1812C104M8GACTU Datasheet(PDF) 10 Page - Kemet Corporation

Part # C1812C104M8GACTU
Description  C0G Dielectric, 10 ??200 VDC (Commercial Grade)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C104M8GACTU Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C1812C104M8GACTU Datasheet HTML 6Page - Kemet Corporation C1812C104M8GACTU Datasheet HTML 7Page - Kemet Corporation C1812C104M8GACTU Datasheet HTML 8Page - Kemet Corporation C1812C104M8GACTU Datasheet HTML 9Page - Kemet Corporation C1812C104M8GACTU Datasheet HTML 10Page - Kemet Corporation C1812C104M8GACTU Datasheet HTML 11Page - Kemet Corporation C1812C104M8GACTU Datasheet HTML 12Page - Kemet Corporation C1812C104M8GACTU Datasheet HTML 13Page - Kemet Corporation C1812C104M8GACTU Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 4/30/2014 10
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 200 VDC (Commercial Grade)
Table 4 – Performance & Reliability: Test Methods and Conditions
Stress
Reference
Test or Inspection Method
Terminal Strength
JIS–C–6429
Appendix 1, Note: Force of 1.8 kg for 60 seconds.
Board Flex
JIS–C–6429
Appendix 2, Note: Standard termination system – 2.0 mm (minimum) for all except 3 mm for C0G.
Flexible termination system – 3.0 mm (minimum).
Solderability
J–STD–002
Magnification50X.Conditions:
a) Method B, 4 hours @ 155°C, dry heat @ 235°C
b) Method B @ 215°C category 3
c) Method D, category 3 @ 260°C
Temperature Cycling
JESD22 Method JA–104
1,000 Cycles (-55°C to +125°C). Measurement at 24 hours +/- 2 hours after test conclusion.
Biased Humidity
MIL–STD–202 Method 103
Load Humidity: 1,000 hours 85°C/85% RH and rated voltage. Add 100 K ohm resistor. Measurement
at 24 hours +/- 2 hours after test conclusion.
Low Volt Humidity: 1,000 hours 85°C/85% RH and 1.5 V. Add 100 K ohm resistor.
Measurement at 24 hours +/- 2 hours after test conclusion.
Moisture Resistance
MIL–STD–202 Method 106 t = 24 hours/cycle. Steps 7a and 7b not required. Unpowered.
Measurement at 24 hours +/- 2 hours after test conclusion.
Thermal Shock
MIL–STD–202 Method 107 -55°C/+125°C. Note: Number of cycles required – 300, maximum transfer time – 20 seconds, dwell
time – 15 minutes. Air – Air.
High Temperature Life
MIL–STD–202 Method 108
/EIA–198
1,000hoursat125°C(85°CforX5R,Z5UandY5V)with2Xratedvoltageapplied.
Storage Life
MIL–STD–202 Method 108 150°C, 0 VDC for 1,000 hours.
Vibration
MIL–STD–202 Method 204
5g'sfor20min.,12cycleseachof3orientations.Note:Use8"X5"PCB0.031"thick7secure
points on one long side and 2 secure points at corners of opposite sides. Parts mounted within 2"
from any secure point. Test from 10 – 2,000 Hz
Mechanical Shock
MIL–STD–202 Method 213 Figure 1 of Method 213, Condition F.
Resistance to Solvents MIL–STD–202 Method 215 Add aqueous wash chemical, OKEM Clean or equivalent.
Storage and Handling
Ceramic chip capacitors should be stored in normal working environments. While the chips themselves are quite robust in other
environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term
storage. In addition, packaging materials will be degraded by high temperature– reels may soften or warp and tape peel force may
increase. KEMET recommends that maximum storage temperature not exceed 40ºC and maximum storage humidity not exceed 70%
relativehumidity.Temperaturefluctuationsshouldbeminimizedtoavoidcondensationonthepartsandatmospheresshouldbefreeof
chlorine and sulfur bearing compounds. For optimized solderability chip stock should be used promptly, preferably within 1.5 years of
receipt.


Similar Part No. - C1812C104M8GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C104M8GACTU KEMET-C1812C104M8GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C1812C104M8GACTU KEMET-C1812C104M8GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
More results

Similar Description - C1812C104M8GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C101J1GAC KEMET-C0603C101J1GAC Datasheet
797Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C473K3GACTU KEMET-C0805C473K3GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C519K5GACTU KEMET-C0805C519K5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C101J5GACTU KEMET-C0402C101J5GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
C1206C104J3GACTU KEMET-C1206C104J3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com