Electronic Components Datasheet Search |
|
ESX50-S100-DC24V-1A-4A Datasheet(PDF) 3 Page - ETAL Group |
|
ESX50-S100-DC24V-1A-4A Datasheet(HTML) 3 Page - ETAL Group |
3 / 4 page www.e-t-a.de Electronic Circuit Protector ESX50D-S ( ControlPlex®) 1646 3 7 Electronic Circuit Protector ESX50D-S ( ControlPlex®) Table 1: typical voltage drop, current limitation, max. load current Current rating IN Typical voltage drop UON at IN Active current limitation ILimit typically Max. load current at 100 % ON duty TAMB = 40 °C TAMB = 50 °C 1 A 15 mV 2,5 x IN 1 A 1 A 2 A 30 mV 1,4 x IN 2 A 2 A 3 A 45 mV 1,4 x IN 3 A 3 A 4 A 60 mV 1,4 x IN 4 A 4 A 5 A 75 mV 1,4 x IN 5 A 5 A 6 A 90 mV 1,4 x IN 6 A 5 A 7 A 105 mV 1,4 x IN 7 A 6 A 8 A 120 mV 1,4 x IN 8 A 7 A 9 A 135 mV 1,4 x IN 9 A 8 A 10 A 150 mV 1,4 x IN 10 A 9 A Note: When mounted side-by-side without convection, the devices should carry max. 80% of their rated load continuously (100 % ON duty). Communication interface Overview of commands: - Writing/reading of configuration (parameters) l Current rating (1A - 10A, in whole numbers) (writable only for ESX50D-S100) l Switch-on behaviour (latest state, OFF, ON) l Overload disconnection (105 % ... 135 % IN) l Trip time at overload (50 ms ... 10,000 ms) l Trip time at short circuit (50 ms ... 1,000 ms) l ON delay (50 ms ... 2,500 ms) l Current limit value (50 % ... 100 %) l Hysteresis limit value (5 % ... 20 %) - Reading of static product information l Product type l Serial number l Hardware version l Software version - Reading of dynamic product information / measuring values l Error memory l Trip counter l Reason of last trip l Status / event of device l Load voltage l Load current l Operating voltage l Temperature - Switch on/off or reset load output - Reset error memory - Reset trip counter - Read / delete histogramm memory - Set parameters to factory setting |
Similar Part No. - ESX50-S100-DC24V-1A-4A |
|
Similar Description - ESX50-S100-DC24V-1A-4A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |