Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP1840 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. MKP1840
Description  Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKP1840 Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.vishay.com
73
MKP 1840
Vishay Roederstein
Document Number 26018
Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
Permissible AC Voltage versus Frequency
103
2
3
5
7 104
2
3
5
7 105
23
5
7 106
100
7
5
3
2
10
7
5
3
2
1
f [Hz]
4700
0.01
0.033
0.047
0.1
100 VDC
Permissible AC Voltage versus Frequency
5
3
2
100
7
5
3
2
10
7
5
3
2
1
f [Hz]
2.2
0.033
0.047
10
4.7
1.0
0.47
0.22
0.1
103
2 3
5 7 104
2
3
5 7 105
2
3
5 7 106
160 VDC
Permissible AC Voltage versus Frequency
5
3
2
100
7
5
3
2
10
7
5
3
2
1
f [Hz]
2.2
10
4.7
1.0
0.22
0.1
0.01
0.022
0.047
0.47
103
2
3
5 7 104
2
3
5 7 105
2
3
5 7 106
250 VDC
Permissible AC Voltage versus Frequency
5
3
2
100
7
5
3
2
10
7
5
3
2
1
f [Hz]
0.01
0.022
0.047
0.1
0.22
0.47
1.0
2.2
3.3
103
2
3
5 7 104
2
3
5 7 105
2
3
5 7 106
400 VDC
Permissible AC Voltage versus Frequency
103
2
3
5 7 104
2
3
5 7 105
2
3
5 7 106
5
3
2
100
7
5
3
2
10
7
5
3
2
1
f [Hz]
0.01
0.047
0.22
0.1
0.47
2.2
1.0
0.022
630 VDC
Impedance versus Frequency Z = f (f)
(Lead length 2.0mm)
10
7
5
3
2
1.0
7
5
3
2
0.1
7
5
3
2
0.01
7
5
3
2
0.001
[MHz]
0.01
5
0.1
5
1.0
5
10
5
100
Capacitance in pF and
µF
Capacitance in
µF
Capacitance in
µF
Capacitance in
µF
Capacitance in
µF
Metallized Polypropylene, Related Document: IEC 60384-16


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn