Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REX12-TA1-107-DC24V-2A Datasheet(PDF) 6 Page - ETAL Group

Part # REX12-TA1-107-DC24V-2A
Description  Combination of supply module and electronic circuit protector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

REX12-TA1-107-DC24V-2A Datasheet(HTML) 6 Page - ETAL Group

  REX12-TA1-107-DC24V-2A Datasheet HTML 1Page - ETAL Group REX12-TA1-107-DC24V-2A Datasheet HTML 2Page - ETAL Group REX12-TA1-107-DC24V-2A Datasheet HTML 3Page - ETAL Group REX12-TA1-107-DC24V-2A Datasheet HTML 4Page - ETAL Group REX12-TA1-107-DC24V-2A Datasheet HTML 5Page - ETAL Group REX12-TA1-107-DC24V-2A Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Electronic circuit protector REX12
www.e-t-a.de
6
1646
4
Application example: REX... Locked connector arms
Connector arms can
be locked with
enclosure
All dimensions without tolerances are for reference only. E-T-A reserves the right change
specifications at any time in the interest of improved design, performance and cost effective-
ness, the right to make changes in these specifications without notice is reserved. Product
markings may not be exactly as the ordering codes. Errors and omissions excepted.
Application example: EM12-T with REX12-TA1… and REX12-TA2…
Application example: REX12(D)-T... distance
between cable duct and connector arm
60


Similar Part No. - REX12-TA1-107-DC24V-2A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
REX12D ETAL-REX12D Datasheet
1Mb / 6P
   Control, diagnosis and monitoring via IO link
REX12D-TA1-100-DC24V-10A ETAL-REX12D-TA1-100-DC24V-10A Datasheet
1Mb / 6P
   Control, diagnosis and monitoring via IO link
REX12D-TA1-100-DC24V-8A ETAL-REX12D-TA1-100-DC24V-8A Datasheet
1Mb / 6P
   Control, diagnosis and monitoring via IO link
REX12D-TA2-100-DC24V-2A ETAL-REX12D-TA2-100-DC24V-2A Datasheet
1Mb / 6P
   Control, diagnosis and monitoring via IO link
REX12D-TA2-100-DC24V-4A ETAL-REX12D-TA2-100-DC24V-4A Datasheet
1Mb / 6P
   Control, diagnosis and monitoring via IO link
More results

Similar Description - REX12-TA1-107-DC24V-2A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2940045 PHOENIX-2940045 Datasheet
113Kb / 4P
   Electronic housing set, consisting of electronic module and printed circuit termination blocks, pitch 5
2940032 PHOENIX-2940032 Datasheet
79Kb / 4P
   Electronic housing set, consisting of electronic module and printed circuit termination blocks, pitch 5
2907884 PHOENIX-2907884 Datasheet
79Kb / 4P
   Electronic housing set, consisting of electronic module and printed circuit termination blocks, pitch 5
logo
Hitachi Semiconductor
HA12002 HITACHI-HA12002 Datasheet
430Kb / 5P
   PROTECTOR OF SPEAKERS AND POWER AMPLIFIERS
logo
PHOENIX CONTACT
2942991 PHOENIX-2942991 Datasheet
74Kb / 4P
   Electronic housing set, consisting of electronic housing and printed circuit termination blocks, pitch 5
2940029 PHOENIX-2940029 Datasheet
92Kb / 4P
   Electronic housing set, consisting of electronic housing and printed circuit termination blocks, pitch 5
2943000 PHOENIX-2943000 Datasheet
90Kb / 4P
   Electronic housing set, consisting of electronic housing and printed circuit termination blocks, pitch 5
logo
Omron Electronics LLC
S8V-CP OMRON-S8V-CP Datasheet
1Mb / 16P
   DC Electronic Circuit Protector (24 VDC 4 Outputs/8 Outputs Type)
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
   Circuit Protector Elements
UN10004 PANASONIC-UN10004 Datasheet
27Kb / 1P
   Circuit Protector Elements
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com