Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REX12-T Datasheet(PDF) 2 Page - ETAL Group

Part # REX12-T
Description  Combination of supply module and electronic circuit protector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

REX12-T Datasheet(HTML) 2 Page - ETAL Group

  REX12-T Datasheet HTML 1Page - ETAL Group REX12-T Datasheet HTML 2Page - ETAL Group REX12-T Datasheet HTML 3Page - ETAL Group REX12-T Datasheet HTML 4Page - ETAL Group REX12-T Datasheet HTML 5Page - ETAL Group REX12-T Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electronic circuit protector REX12
Electronic circuit protector REX12
www.e-t-a.de
2
1646
4
Fail-safe element
IN: 1 A
fail-safe IN: 1 A
integral
IN: 2 A
fail-safe IN: 2 A
blade fuse
IN: 3 A
fail-safe IN: 3.15 A
adjusted to
IN: 4 A
fail-safe IN: 4 A
related current rating IN
IN: 6 A
fail-safe IN: 6.3 A
IN: 8 A
fail-safe IN: 8 A
IN: 10 A
fail-safe IN: 10 A
IN: 2 A / 2 A
fail-safe IN: 2 A / 2 A
IN: 4 A / 4 A
fail-safe IN: 4 A / 4 A
IN: 6 A / 6 A
fail-safe IN: 6.3 A / 6.3 A
Voltage drop in load circuit at IN and at IN 70% between LINE+ and
LOAD+
IN: 1 A
typically 180 mV
IN: 70%
typically 125 mV
IN: 2 A
typically 110 mV
IN: 70%
typically 80 mV
IN: 3 A
typically 120 mV
IN: 70%
typically 85 mV
IN: 4 A
typically 115 mV
IN: 70%
typically 80 mV
IN: 6 A
typically 170 mV
IN: 70%
typically 110 mV
IN: 8 A
typically 160 mV
IN: 70%
typically 105 mV
IN: 10 A
typically 180 mV
IN: 70%
typically 120 mV
Operating voltage
OFF at typically UB < 16.0 V
monitoring
ON at typically UB > 17.5 V
with regard to low voltage with automatic ON and
OFF switching
Switch-on delay
- with power ON
channel 1:
typically 100 ms
channel 2:
typically 200 ms
- when switching on via
channel 1:
typically 5 ms
ON/OFF momentary
channel 2:
typically 100 ms
switch or
- after undervoltage
channel 1:
typically 5 ms
channel 2:
typically 5 ms
Disconnection of
- manually on the device with the
load circuit
ON/OFF momentary switch
- after an overload / short circuit
disconnection with storage
(no automatic reset)
- temporarily at undervoltage
- at no operating voltage
Switch-on of load circuit
- momentary switch
device can only be switched on
ON/OFF
when operating voltage is applied
- applying
the device starts up with the condition
operating voltage
last stored
Reset function
a blocked load output (blocked by
overload / short circuit) can externally be
reset by the ON/OFF momentary switch
Leakage current in load
typically < 1 mA
circuit in OFF condition
Capacitive loads
up to 20,000 µF
Free-wheeling diode
external free-wheeling circuit at inductive
load (rating according to load)
Parallel connection of
not allowed
several load outputs
Status output
Status indication REX12-T minus switching signal output
group signalling is implemented in
connection with EM12-T supply module
Screw terminals
LOAD+
Push-in terminal PT 2.5
0.14 mm2...2.5 mm2, flexible
Stripping length
8 mm...10 mm
Dimensions (w x h x d)
12.5 x 98,5 x 80 mm
Mass
REX12-TA1-xxx 1-channel approx. 57 g
REX12-TA2-xxx 2-channel approx. 58 g
Technical data (Tamb = +23 °C, UB = DC 24 V)
General data
Housing material
moulded
Mounting
symmetrical rail to EN 60715-35x7.5
Ambient temperature
-25 °C...+60 °C
(without condensation, cf. EN 60204-1)
Storage temperature
-40 °C...+70 °C
Mounting temperature
+5 °C…+60 °C
Humidity
96 hrs / 95 % RH 40 °C to IEC 60068-2-
78-Cab, climate class 3K3 to EN 60721
Vibration
3 g test to IEC 60068-2-6, test Fc
Degree of protection
(IEC 60529, DIN VDE 0470) IP30
EMC requirements
noise emission
EN 61000-6-3
(EMC directive, CE logo) susceptibility:
EN 61000-6-2
Insulation co-ordination
(IEC 60934)
0.5 kV / pollution degree 2
Dielectric strength
max. DC 30 V (load circuit)
Insulation resistance
n/a, only electronic disconnection
(OFF condition)
Approvals
CE logo,
UL 2367, File # E306740,
(UL60947 / UL 508, File # E...)
under preparation
Technical data (Tamb = +23 °C, UB = DC 24 V)
Type
REX12 Electronic circuit protector with PT connection technology
Mounting method
T
rail mounting
Design
A 1 load output terminal per channel, fixed current ratings xA
or xA/xA
Number of channels
1 1 channel
2 2 channels
Version
1 without physical isolation
Signal input
0
without signal input
Signal output:
7
status output
Operating voltage
DC 24 V
voltage rating DC 24 V
Current ratings
1 A
(only 1-channel)
2 A
(only 1-channel)
3 A
(only 1-channel)
4 A
(only 1-channel)
6 A
(only 1-channel)
8 A
(only 1-channel)
10 A
(only 1-channel)
2 A/2 A
(only 2-channel)
4 A/4 A
(only 2-channel)
6 A/6 A
(only 2-channel)
REX12 - T
A 1 - 1
0
7 - DC24V - 10 A
example of 1-channel
REX12 - T
A 2 - 1
0
7 - DC24V - 6 A / 6 A example of 2-channel
Ordering number code - REX12-T
Preferred types
Standard current ratings (A)
REX12-TA1
2
4
6
10
2/2
4/4
6/6
REX12-TA1-107-DC24V-
x
x
x
x
REX12-TA2
2
4
6
10
2/2
4/4
6/6
REX12-TA2-107-DC24V-
x
x
x
Preferred types


Similar Part No. - REX12-T

ManufacturerPart #DatasheetDescription
logo
ETAL Group
REX12D ETAL-REX12D Datasheet
1Mb / 6P
   Control, diagnosis and monitoring via IO link
REX12D-TA1-100-DC24V-10A ETAL-REX12D-TA1-100-DC24V-10A Datasheet
1Mb / 6P
   Control, diagnosis and monitoring via IO link
REX12D-TA1-100-DC24V-8A ETAL-REX12D-TA1-100-DC24V-8A Datasheet
1Mb / 6P
   Control, diagnosis and monitoring via IO link
REX12D-TA2-100-DC24V-2A ETAL-REX12D-TA2-100-DC24V-2A Datasheet
1Mb / 6P
   Control, diagnosis and monitoring via IO link
REX12D-TA2-100-DC24V-4A ETAL-REX12D-TA2-100-DC24V-4A Datasheet
1Mb / 6P
   Control, diagnosis and monitoring via IO link
More results

Similar Description - REX12-T

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2940045 PHOENIX-2940045 Datasheet
113Kb / 4P
   Electronic housing set, consisting of electronic module and printed circuit termination blocks, pitch 5
2940032 PHOENIX-2940032 Datasheet
79Kb / 4P
   Electronic housing set, consisting of electronic module and printed circuit termination blocks, pitch 5
2907884 PHOENIX-2907884 Datasheet
79Kb / 4P
   Electronic housing set, consisting of electronic module and printed circuit termination blocks, pitch 5
logo
Hitachi Semiconductor
HA12002 HITACHI-HA12002 Datasheet
430Kb / 5P
   PROTECTOR OF SPEAKERS AND POWER AMPLIFIERS
logo
PHOENIX CONTACT
2942991 PHOENIX-2942991 Datasheet
74Kb / 4P
   Electronic housing set, consisting of electronic housing and printed circuit termination blocks, pitch 5
2940029 PHOENIX-2940029 Datasheet
92Kb / 4P
   Electronic housing set, consisting of electronic housing and printed circuit termination blocks, pitch 5
2943000 PHOENIX-2943000 Datasheet
90Kb / 4P
   Electronic housing set, consisting of electronic housing and printed circuit termination blocks, pitch 5
logo
Omron Electronics LLC
S8V-CP OMRON-S8V-CP Datasheet
1Mb / 16P
   DC Electronic Circuit Protector (24 VDC 4 Outputs/8 Outputs Type)
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
   Circuit Protector Elements
UN10004 PANASONIC-UN10004 Datasheet
27Kb / 1P
   Circuit Protector Elements
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com