Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP21-S20-DC24V-10A Datasheet(PDF) 2 Page - ETAL Group

Part # SMP21-S20-DC24V-10A
Description  The devices switches over automatically when connected to AC 115 V AC and 230 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

SMP21-S20-DC24V-10A Datasheet(HTML) 2 Page - ETAL Group

  SMP21-S20-DC24V-10A Datasheet HTML 1Page - ETAL Group SMP21-S20-DC24V-10A Datasheet HTML 2Page - ETAL Group SMP21-S20-DC24V-10A Datasheet HTML 3Page - ETAL Group SMP21-S20-DC24V-10A Datasheet HTML 4Page - ETAL Group SMP21-S20-DC24V-10A Datasheet HTML 5Page - ETAL Group SMP21-S20-DC24V-10A Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Switched mode power supply for DIN rail mounting type SMP21 DC24V/10A
www.e-t-a.de
1646
2
3
Dimensions
GENERAL TOLERANCE
0.00 (0.00) - 30.00 (1.18)
±0.30 (0.01)
±1.50 (0.06)
30.00 (1.18) - 120.00 (4.72)
±1.50 (0.06)
120.00 (4.72) - 400.00 (15.75)
7
9
7
9
6
1
6
1
115/230 V AC
5.4/2.2 A
47-63Hz
24 V DC/10 A
83.05 (3.29)
83.05 (3.29)
L20
S20
116.6 (4.59)
7.0 (0.3)
115/230 V AC
5.4/2.2 A
47-63Hz
24 V DC/10 A
SMP21
SMP21
Technical data (TU = 25°C, UB = AC 115 / 230 V, I0 = 10A)
Technical data (TU = 25°C, UB = AC 115 / 230 V, I0 = 10A)
Inrush current
at AC 115 V
at AC 230 V
30 A max.
60 A max.
Power loss
(at UB 230 V, I0 10 A)
35 W typically
Power factor
Compensation (passive)
typically 0.75
Output circuit
Rated voltage U0
DC 24 V SELV
Current rating I0
10 A
Output voltage accuracy 0…+1 %
Min. load
0 %
Supply regulation
± 0.5 % at UE min. … UE max.
Load regulation
Single mode
Parallel mode
± 1 %
± 5 %
Voltage adjustment
range
DC 22.5…28.5 V at 0.8 x I0
Continuous load
10 A at U0 = DC 24 V, 8.4 A at
U0 = DC 28.5 V
Power boost factor
typically 130 % (120%...145% see
output curve)
Short circuit behaviour
U/I trip curve
Exposure time
25 / 20 ms
ON delay at:
resistive load
capacitive load of
7,000 µF
1 s
1.5 s
Rise time at:
resistive load
capacitive load of
7,000 µF
150 ms
0.5 s
Release time
150 ms
Residual ripple
100 mV, spectrum = 20 MHz
Power back immunity
DC 35 V min.
Capacitive load
7,000 µF max.
Parallel mode
3 power supplies max. at
0.1 x I0 … 0.9 x I0
Control and protection circuit
input protection
internal blade fuse
T6.3A / AC 250 V
Recommended back-up
fuse
1-pole MCB, e.g. E-T-A type 4230
Current rating
10 A / 16 A ➞ max. 20 A
Characteristic curve
B / C / D
Internal overvoltage
protection
varistor
available power
(output RDY)
Contact closed at:
DC 17.6...19.4 V
Insulation voltage
Contact load at
DC 500 V (to output)
DC 60 V / 0.3 A
Overvoltage protection
30…33 V at 0.8 x I0
Degree of protection
IP20
Physical data
Dimensions (h x w x d)
version L20 with
screw terminals:
Version S20 with
removeable plug
124.5 x 83.5 x 123.6 mm
(4,9 x 3,29 x 4,87 inches)
143.5 x 83.5 x 123.6 mm
(5.65 x 3.29 x 4.87 inches)
Housing material:
metal
Mass
approx. 1380 g
Vibration (random
vibration to IEC
60068-2-6)
mounted on symmetrical rail, 10 - 500 Hz,
2 g, on X, Y & Z axis, 60 minutes per axis
Shock
(to IEC 60068-2-27,)
15 g (11 ms), 3 axes,
6 sides, 3 times per side


Similar Part No. - SMP21-S20-DC24V-10A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
SMP21-S20-DC24V-20A ETAL-SMP21-S20-DC24V-20A Datasheet
425Kb / 6P
   Wide range voltage input from AC 90 to 264 V
SMP21-S20-DC24V-5A ETAL-SMP21-S20-DC24V-5A Datasheet
414Kb / 6P
   The devices switches over automatically when connected to AC 115 V AC and 230 V
More results

Similar Description - SMP21-S20-DC24V-10A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
SMP21-L20-DC24V-5A ETAL-SMP21-L20-DC24V-5A Datasheet
414Kb / 6P
   The devices switches over automatically when connected to AC 115 V AC and 230 V
logo
Schneider Electric
140CPS12400 SCHNEIDER-140CPS12400 Datasheet
117Kb / 4P
   power supply module Modicon Quantum - 115 V/230 V AC - redundant
Apr 12, 2022
140CPS12420 SCHNEIDER-140CPS12420 Datasheet
117Kb / 4P
   power supply module Modicon Quantum - 115 V/230 V AC - redundant
Apr 12, 2022
STBPDT2100K SCHNEIDER-STBPDT2100K Datasheet
131Kb / 5P
   standard power distribution kit STB - 115..230 V AC
Apr 8, 2022
140CPS11420 SCHNEIDER-140CPS11420 Datasheet
121Kb / 4P
   power supply module Modicon Quantum - 115 V/230 V AC - summable or standalone
Apr 12, 2022
STBDRC3210K SCHNEIDER-STBDRC3210K Datasheet
141Kb / 5P
   standard digital output kit STB - 24 V 115..230 V AC DC - 2 O
Apr 8, 2022
LC1D115P5 SCHNEIDER-LC1D115P5 Datasheet
127Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 115 A - 230 V AC 50 Hz coil
140CRA21110 SCHNEIDER-140CRA21110 Datasheet
117Kb / 5P
   DIO drop interface Modicon Quantum - 115/230 V AC - 1 single port
Apr 18, 2022
140CRA21210 SCHNEIDER-140CRA21210 Datasheet
115Kb / 4P
   DIO drop interface Modicon Quantum - 115/230 V AC - 1 redundant port
Apr 18, 2022
STBDAO8210K SCHNEIDER-STBDAO8210K Datasheet
133Kb / 5P
   standard digital output kit - Modicon STB - 115..230 V AC - 2 O
Apr 8, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com