Electronic Components Datasheet Search |
|
SMP23-L20-DC24V-10A Datasheet(PDF) 3 Page - ETAL Group |
|
SMP23-L20-DC24V-10A Datasheet(HTML) 3 Page - ETAL Group |
3 / 6 page Switched mode power supply for DIN rail mounting type SMP23 DC24V/10A www.e-t-a.de 1646 3 3 Switched mode power supply for DIN rail mounting type SMP23 DC24V/10A L1 V+ V+ V- V- RDY C RDY No L3 PE 10 A L2 ~ 3 Mounting and Installation Mounting snap onto DIN rail (TS35/7.5 or TS35/15) Ventilation / cooling normal air convection, recommended distance on each side 25 mm Mounting position wall-mounted with input terminals pointing downwards (see dimensions) Version with screw terminals: Screw terminals input terminal AWG24-10 (0.2 mm² – 4 mm²) flexible/rigid output terminal AWG24-10 (0.2 mm² – 4 mm²) flexible/rigid Tightening torque input connector 1 Nm max. Output terminal 0.6 Nm max. Wire stripping length 8 mm Pin assignment - Display - Controls pin no. name Description 1.2 V - output voltage - 3.4 V + output voltage + 5 L3 input voltage, phase conductor 6 L2 input voltage, phase conductor 7 L1 input voltage, phase conductor 8 PE earth conductor 9 RDY limit value DC ON, relay contact (make contact) 10 DC ON visual status indication with LED DC LO DC LOW output voltage LED indication Vout Adj potentiometer for adjustment of the output voltage UO S/P change-over switch single / parallel mode Schematic diagram Vo+ Vo- Vout ADJ. DC ON (Green LED) Output Level Detection Reference & Error Amp. Over Voltage Detection Current Detection Opto- Isolation Opto- Isolation Rectifier Switching Device P.F.C Circuit PWM Controller π Filter Bridge Rectifier Filter Fuse 1 DC LOW (Red LED) RDY 1) (Relay Contact) Single/Parallel select L1 Fuse 2 Fuse 3 L2 L3 Y X X X |
Similar Part No. - SMP23-L20-DC24V-10A |
|
Similar Description - SMP23-L20-DC24V-10A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |