Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC433 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC433
Description  Prescaler for DC to C Band PLL Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC433 Datasheet(HTML) 4 Page - Analog Devices

  HMC433 Datasheet HTML 1Page - Analog Devices HMC433 Datasheet HTML 2Page - Analog Devices HMC433 Datasheet HTML 3Page - Analog Devices HMC433 Datasheet HTML 4Page - Analog Devices HMC433 Datasheet HTML 5Page - Analog Devices HMC433 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 75
Outline Drawing
Pin Description
Pin Number
Function
Description
Interface Schematic
1, 4
N/C
The pins are not connected internally; however, all
data shown herein was measured with these pins
connected to RF/DC ground externally.
2
GND
Pin must connect ro RF/DC ground.
3
IN
RF input must be DC blocked.
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOT FOR SUGGESTED
LAND PATTERN.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC433
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H433
XXXX
HMC433E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
433E
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC433 / 433E
v04.0410
SMT GaAs HBT MMIC
DIVIDE-BY-4, DC - 8 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC433

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC433 HITTITE-HMC433 Datasheet
225Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
HMC433 HITTITE-HMC433 Datasheet
228Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz
HMC433 HITTITE-HMC433 Datasheet
228Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz
HMC433 HITTITE-HMC433 Datasheet
309Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
HMC433E HITTITE-HMC433E Datasheet
228Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz
More results

Similar Description - HMC433

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2181T5R-A CEL-UPG2181T5R-A Datasheet
1Mb / 24P
   Front End Components for, LNAs for L to C-Band Applications
logo
Sanyo Semicon Device
LB3500 SANYO-LB3500 Datasheet
50Kb / 2P
   1/8 Prescaler for PLL Electronic Tuning
SGD-100T SANYO-SGD-100T Datasheet
24Kb / 2P
   C to X Band, Mixer, Modulator Applications
SGD-100 SANYO-SGD-100 Datasheet
26Kb / 2P
   C to X Band, Mixer, Modulator Applications
SGD102 SANYO-SGD102 Datasheet
25Kb / 2P
   C to X Band, Mixer, Modulator Applications
logo
Motorola, Inc
MC12074 MOTOROLA-MC12074 Datasheet
89Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12098 MOTOROLA-MC12098 Datasheet
98Kb / 5P
   MECL PLL COMPONENTS 첨8192 PRESCALER
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12076 MOTOROLA-MC12076 Datasheet
84Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
MC12078 MOTOROLA-MC12078 Datasheet
85Kb / 3P
   MECL PLL COMPONENTS 첨256 PRESCALER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com