Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR101 Datasheet(PDF) 1 Page - Unisonic Technologies

Part No. MCR101
Description  SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MCR101 Datasheet(HTML) 1 Page - Unisonic Technologies

  MCR101 Datasheet HTML 1Page - Unisonic Technologies MCR101 Datasheet HTML 2Page - Unisonic Technologies MCR101 Datasheet HTML 3Page - Unisonic Technologies MCR101 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTCMCR101
SCR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R301-009,B
SENSITIVE GATE SILICON
CONTROLLED RECTIFIERS
REVERSE BLOCKING
THYRISTORS
DESCRIPTION
PNPN
devices
designed
for
high
volume,
line-powered consumer applications such as relay
and lamp drivers, small motor controls, gate drivers
for larger thyristors, and sensing and detection
circuits. Supplied in an inexpensive plastic TO-92
package which is readily adaptable for use in
automatic insertion equipment.
DESCRIPTION
*Sensitive Gate Allows Triggering by Micro controllers
and Other Logic circuits
*Blocking Voltage to 600V
*On-State Current Rating of 0.8A RMS at 80
°C
*High Surge Current Capability – 10A
*Minimum and Maximum Values of IGT, VGT and IH
Specified for Ease of Design
*Immunity to dV/dt – 20V/
µsec Minimum at 110°C
*Glass-Passivated Surface for Reliability and
Uniformity
TO-92
1
1: GATE 2: ANODE 3:CATHODE:
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MAX
UNIT
Thermal Resistance, Junction to Case
RθJC
75
°C/W
Thermal Resistance, Junction to Ambient
RθJA
200
°C/W
Lead Solder Temperature
(<1/16” from case, 10 secs max)
TL
260
°C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MAX
UNIT
Peak Repetitive Off-State Voltage(note)
(TJ=-40 to 110°C, Sine Wave, 50 to 60Hz; Gate Open)
MCR101-4
MCR101-6
MCR101-8
VDRM,VRRM
200
400
600
V
On-Sate RMS Current
(Tc=80
°C) 180° Condition Angles
IT(RMS)
0.8
A
Peak Non-Repetitive Surge Current
(1/2 cycle, Sine Wave, 60Hz, TJ=25°C)
ITSM
10
A


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn