Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2220C473KFRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C2220C473KFRACTU
Description  Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220C473KFRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C2220C473KFRACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/22/2016 - 44d5d0c8-c595-4d46-995e-eeafa39196da
KEMET Part Number: C2220C473KFRACTU
(C2220C473KFRAC7800)
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.047 uF, +/-10% Tol, 1500 V, X7R, 2220 (5750 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
5.7
+/-0.4
W
5
+/-0.4
T
1.6
+/-0.20
B
0.6
+/-0.35
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 1000
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 2220 (5750 metric)
Temperature Coefficient: X7R
Part Type Description: SMD, MLCC, High Voltage,
Temperature Stable
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 0.047 uF
Voltage: 1500 V
Tolerance: +/-10%
Temperature Range: -55/+125C
Dissipation Factor: 2.5%
Failure Rate: N/A
Aging Rate: 3% loss/decade hour
Insulation Resistance: 21.28 GOhm
Dielectric Strength: 1800 V
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C2220C473KFRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C473KDRACTU KEMET-C2220C473KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.047 uF, 10%, 1,000 V, 2220, X7R, SMD, MLCC, High Voltage, Temperature Stable
More results

Similar Description - C2220C473KFRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C272KGRACTU KEMET-C1812C272KGRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C1812C472KFRACTU KEMET-C1812C472KFRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C1812C473KDRACTU KEMET-C1812C473KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2225C223KGRACTU KEMET-C2225C223KGRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C1825C104KCRACTU KEMET-C1825C104KCRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2220C223KGRACTU KEMET-C2220C223KGRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2220C562KHRACTU KEMET-C2220C562KHRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C1812C562KFRACTU KEMET-C1812C562KFRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2220C224KBRACTU KEMET-C2220C224KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C1812C223JDRACTU KEMET-C1812C223JDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com